Electronic Components Datasheet Search
  English  ▼

X  

TA7291S/SG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA7291S/SG
Description  BRIDGE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291S/SG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA7291S/SG Datasheet HTML 1Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 2Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 3Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 4Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 5Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 6Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 7Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 8Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TA7291P/S/SG/F/FG
2007-06-13
3
FUNCTION
INPUT
OUTPUT
IN1
IN2
OUT1
OUT2
MODE
0
0
∞
∞
STOP
1
0
H
L
CW / CCW
0
1
L
H
CCW / CW
1
1
L
L
BRAKE
∞:
High impedance
Note:
Inputs are all high active type
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
25
V
Motor Drive Voltage
VS
25
V
Reference Voltage
Vref
25
V
P Type
2.0
PEAK
S/SG, F/FG Type
IO (PEAK)
1.2
P Type
1.0
Output
Current
AVE.
S/SG, F/FG Type
IO (AVE.)
0.4
A
P Type
12.5 (Note 1)
S/SG Type
0.95 (Note 2)
Power Dissipation
F/FG Type
PD
1.4 (Note 3)
W
Operating Temperature
Topr
−30~75
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: Tc = 25°C (TA7291P/PG)
Note 2: No heat sink
Note 3: PCB (60 × 30 × 1.6 mm, occupied copper area in excess of 50%) Mounting Condition.
Wide range of operating voltage: VCC (opr.) = 4.5~20 V
VS (opr.) = 0~20 V
Vref (opr.) = 0~20 V
Vref ≤ VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com