Electronic Components Datasheet Search
  English  ▼

X  

TA7291S/SG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA7291S/SG
Description  BRIDGE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291S/SG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA7291S/SG Datasheet HTML 5Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 6Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 7Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 8Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 9Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 10Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 11Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 12Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TA7291P/S/SG/F/FG
2007-06-13
9
NOTES
Input circuit
Input Terminals of pin (5) and (6) (TA7291P) are all
high active type and have a hysteresis of 0.7 V (typ.),
3 μA (typ.) of source mode input current is required.
Output circuit
Output voltage is controlled by Vref voltage.
Relationship between VOUT and Vref is
VOUT = VBE (≈ 0.7) + Vref
Vref terminal required to connect to VS terminal for
stable operation in case of no requirement of VOUT
control.
Vref ≤ VS
TA7291P /TA7291S/SG /TA7291F/FG
TA7291P /TA7291S/SG /TA7291F/FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com