Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 8 Page - Analog Devices

Part # LT1787
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT1787 Datasheet HTML 4Page - Analog Devices LT1787 Datasheet HTML 5Page - Analog Devices LT1787 Datasheet HTML 6Page - Analog Devices LT1787 Datasheet HTML 7Page - Analog Devices LT1787 Datasheet HTML 8Page - Analog Devices LT1787 Datasheet HTML 9Page - Analog Devices LT1787 Datasheet HTML 10Page - Analog Devices LT1787 Datasheet HTML 11Page - Analog Devices LT1787 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LT6106
8
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
by orders of magnitude. A sense resistor with integrated
Kelvin sense terminals will give the best results. Figure 2
illustrates the recommended method.
This approach can be helpful in cases where occasional
bursts of high currents can be ignored.
Care should be taken when designing the board layout for
RIN, especially for small RIN values. All trace and inter-
connect resistances will increase the effective RIN value,
causing a gain error.
Selection of External Output Resistor, ROUT
The output resistor, ROUT, determines how the output cur-
rent is converted to voltage. VOUT is simply IOUT • ROUT.
In choosing an output resistor, the maximum output volt-
age must first be considered. If the following circuit is a
buffer or ADC with limited input range, then ROUT must be
chosen so that IOUT(MAX) • ROUT is less than the allowed
maximum input range of this circuit.
In addition, the output impedance is determined by ROUT.If
the circuit to be driven has high enough input impedance,
then almost any useful output impedance will be accept-
able. However, if the driven circuit has relatively low input
impedance,ordrawsspikesofcurrentsuchasanADCmight
do, then a lower ROUT value may be required in order to
preserve the accuracy of the output. As an example, if the
input impedance of the driven circuit is 100 times ROUT,
then the accuracy of VOUT will be reduced by 1% since:
VOUT =IOUT •
ROUT •RIN(DRIVEN)
ROUT +RIN(DRIVEN)
= IOUT •ROUT •
100
101
= 0.99 •IOUT •ROUT
Error Sources
The current sense system uses an amplifier and resistors
to apply gain and level shift the result. The output is then
dependent on the characteristics of the amplifier, such as
gain and input offset, as well as resistor matching.
Ideally, the circuit output is:
VOUT = VSENSE •
ROUT
RIN
; VSENSE =RSENSE •ISENSE
In this case, the only error is due to resistor mismatch,
which provides an error in gain only. However, offset volt-
age and bias current cause additional errors.
Figure 3. Shunt Diode Limits Maximum Input Voltage to Allow
Better Low Input Resolution Without Overranging
Figure 2. Kelvin Input Connection Preserves Accuracy with
Large Load Currents
Selection of External Input Resistor, RIN
RIN should be chosen to allow the required resolution
while limiting the output current to 1mA. In addition, the
maximum value for RIN is 500Ω. By setting RIN such that
the largest expected sense voltage gives IOUT = 1mA, then
the maximum output dynamic range is available. Output
dynamic range is limited by both the maximum allowed
output current and the maximum allowed output voltage,
as well as the minimum practical output signal. If less
dynamic range is required, then RIN can be increased
accordingly, reducing the maximum output current and
power dissipation. If low sense currents must be resolved
accurately in a system that has a very wide dynamic range,
a smaller RIN than the maximum current spec allows may
be used if the maximum current is limited in another way,
such as with a Schottky diode across RSENSE (Figure 3).
This will reduce the high current measurement accuracy
by limiting the result, while increasing the low current
measurement resolution.
LT6106
ROUT
VOUT
6106 F02
RIN
V+
LOAD
RSENSE
V+
V–
OUT
–IN
+IN
V+
LOAD
DSENSE
6106 F03
RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com