Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 1 Page - Analog Devices

Part # LT1787
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787 Datasheet(HTML) 1 Page - Analog Devices

  LT1787 Datasheet HTML 1Page - Analog Devices LT1787 Datasheet HTML 2Page - Analog Devices LT1787 Datasheet HTML 3Page - Analog Devices LT1787 Datasheet HTML 4Page - Analog Devices LT1787 Datasheet HTML 5Page - Analog Devices LT1787 Datasheet HTML 6Page - Analog Devices LT1787 Datasheet HTML 7Page - Analog Devices LT1787 Datasheet HTML 8Page - Analog Devices LT1787 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LT6106
1
Rev. C
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
36V Low Cost High Side
Current Sense in a SOT-23
The LT®6106 is a versatile high side current sense ampli-
fier. Design flexibility is provided by the excellent device
characteristics: 250µV maximum offset and 40nA maxi-
mum input bias current. Gain for each device is set by two
resistors and allows for accuracy better than 1%.
The LT6106 monitors current via the voltage across an
external sense resistor (shunt resistor). Internal circuitry
converts input voltage to output current, allowing for a
small sense signal on a high common mode voltage to
be translated into a ground referenced signal. The low DC
offset allows for monitoring very small sense voltages. As
a result, a small valued shunt resistor can be used, which
minimizes the power loss in the shunt.
The wide 2.7V to 44V input voltage range, high accuracy
and wide operating temperature range make the LT6106
ideal for automotive, industrial and power management
applications. The very low power supply current of the
LT6106 also makes it suitable for low power and battery
operated applications.
n
Gain Configurable with Two Resistors
n
Low Offset Voltage: 250µV Maximum
n
Output Current: 1mA Maximum
n
Supply Range: 2.7V to 36V, 44V Absolute Maximum
n
Low Input Bias Current: 40nA Maximum
n
PSRR: 106dB Minimum
n
Low Supply Current: 65µA Typical, V+ = 12V
n
Operating Temperature Range: –40°C to 125°C
n
Low Profile (1mm) ThinSOT™ Package
n
AEC-Q100 Qualified for Automotive Applications
n
Current Shunt Measurement
n
Battery Monitoring
n
Power Management
n
Motor Control
n
Lamp Monitoring
n
Overcurrent and Fault Detection
LT6106
1k
VOUT
200mV/A
6106 TA01a
100
3V TO 36V
LOAD
0.02
V+
V–
OUT
–IN
+IN
3V to 36V, 5A Current Sense with AV = 10
Measurement Accuracy vs Load Current
LOAD CURRENT (A)
0
–1.2
–1.0
–0.6
–0.4
–0.2
2
4
5
0.6
6106 TA01b
–0.8
1
3
0
0.2
0.4
LIMIT OVER TEMPERATURE
LIMIT OVER TEMPERATURE
TYPICAL PART AT TA = 25°C
5A FULL SCALE
RSENSE = 0.02
AV = 10
RIN = 100
ROUT = 1k
V+ = 3V
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LT1787

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT1787 LINER-LT1787 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1787 LINER-LT1787 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
More results

Similar Description - LT1787

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
High Voltage, High-Side Current Sense Amplifier in SOT-23
LT6106 LINER-LT6106 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
Low cost high-side current sense amplifier
26-Jun-2008
logo
Linear Technology
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
High Temperature High Side Current Sense Amp in SOT-23
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
High Temperature High Side Current Sense Amp in SOT-23
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com