Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 3 Page - Analog Devices

Part # LT1787
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787 Datasheet(HTML) 3 Page - Analog Devices

  LT1787 Datasheet HTML 1Page - Analog Devices LT1787 Datasheet HTML 2Page - Analog Devices LT1787 Datasheet HTML 3Page - Analog Devices LT1787 Datasheet HTML 4Page - Analog Devices LT1787 Datasheet HTML 5Page - Analog Devices LT1787 Datasheet HTML 6Page - Analog Devices LT1787 Datasheet HTML 7Page - Analog Devices LT1787 Datasheet HTML 8Page - Analog Devices LT1787 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT6106
3
Rev. C
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. In addition to the Absolute Maximum Ratings, the
output current of the LT6106 must be limited to insure that the power
dissipation in the LT6106 does not allow the die temperature to exceed
150°C. See the Applications Information section “Power Dissipation
Considerations” for further information.
Note 2: Guaranteed by the gain error test.
Note 3: Gain error refers to the contribution of the LT6106 internal
circuitry and does not include errors in the external gain setting resistors.
Note 4: The LT6106C is guaranteed functional over the operating
temperature range of –40°C to 85°C. The LT6106C is designed,
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full specified
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 12V, V+ = VSENSE+, RIN = 100Ω, ROUT = 10k, Gain = 100
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT(HIGH)
Output Swing High
(Referred to V+)
VSENSE = 120mV
l
1.2
1.4
V
V
Minimum Output Voltage
(Note 5)
VSENSE = 0mV, RIN = 100Ω, ROUT = 10k
l
12
45
65
mV
mV
VSENSE = 0mV, RIN = 500Ω, ROUT = 10k, V+ = 12V, 36V
l
7
16
22
mV
mV
BW
Signal Bandwidth (–3dB)
IOUT = 1mA, RIN = 100Ω, ROUT = 5k
200
kHz
tr
Input Step Response (to 50% of
Output Step)
ΔVSENSE = 100mV Step, RIN = 100Ω, ROUT = 5k,
Rising Edge
3.5
µs
IS
Supply Current
V+ = 2.7V, IOUT = 0µA, (VSENSE = –5mV)
l
60
85
115
µA
V+ = 12V, IOUT = 0µA, (VSENSE = –5mV)
l
65
95
120
µA
V+ = 36V, IOUT = 0µA, (VSENSE = –5mV)
l
70
100
130
µA
characterized and expected to meet specified performance from –40°C to
85°C but is not tested or QA sampled at these temperatures. The LT6106I
is guaranteed to meet specified performance from –40°C to 85°C. The
LT6106H is guaranteed to meet specified performance from –40°C to
125°C.
Note 5: The LT6106 output is an open collector current source. The
minimum output voltage scales directly with the ratio ROUT/10k.
Note 6: VSENSE+ is the voltage at the high side of the sense resistor,
RSENSE. See Figure 1.
Note 7: VSENSE (MAX) is the maximum sense voltage for which the Electrical
Characteristics will apply. Higher voltages can affect performance but will
not damage the part provided that the output current of the LT6106 does
not exceed the allowable power dissipation as described in Note 1.
TYPICAL PERFORMANCE CHARACTERISTICS
Input Offset Voltage vs
Temperature
TEMPERATURE (°C)
–55
0
200
125
6106 G03
–200
–400
–25
5
35
65
95
400
–100
100
–300
300
VSENSE = 5mV
V+ = 12V
RIN = 100
ROUT = 10k
AV = 100
TYPICAL UNITS
INPUT OFFSET VOLTAGE (µV)
–200
10
12
16
120
6106 G23
4
8
14
6
2
0
–120
–40 0 40
200
V+ = 12V
VSENSE = 5mV
RIN = 100
ROUT = 10k
1068 UNITS
VOS Distribution
SUPPLY VOLTAGE (V)
0
10
40
50
40
6106 G02
0
–10
–70
10
20
30
5
15
25
35
–30
70
60
30
20
–20
–40
–50
–60
VSENSE = 5mV
RIN = 100
ROUT = 10k
TYPICAL UNITS
Input Offset Voltage vs
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com