Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 14 Page - Analog Devices

Part # LT1787
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT1787 Datasheet HTML 6Page - Analog Devices LT1787 Datasheet HTML 7Page - Analog Devices LT1787 Datasheet HTML 8Page - Analog Devices LT1787 Datasheet HTML 9Page - Analog Devices LT1787 Datasheet HTML 10Page - Analog Devices LT1787 Datasheet HTML 11Page - Analog Devices LT1787 Datasheet HTML 12Page - Analog Devices LT1787 Datasheet HTML 13Page - Analog Devices LT1787 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LT6106
14
Rev. C
For more information www.analog.com
ANALOG DEVICES, INC. 2007-2020
03/20
www.analog.com
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT1787
Bidirectional High Side Current Sense Amplifier
VIN: 2.7V to 60V, 75μV Offset, 8V/V Gain
LTC4150
Coulomb Counter/Battery Gas Gauge
Indicates Charge Quantity and Polarity
LT6100
Gain-Selectable High Side Current Sense Amplifier
VIN: 4.1V to 48V, Gain Settings: 10V, 12.5V, 20V, 25V, 40V, 50V/V
LTC6101
High Voltage High Side Current Sense Amplifier
VIN: 4V to 100V, Resistor-Set Gain, 300μV Offset, SOT-23
LTC6102
Zero-Drift High Side Current Sense Amplifier
VIN: 4V to 100V, Resistor-Set Gain, 10μV Offset, MSOP8/DFN
LTC6103
Dual High Side Current Sense Amplifier
VIN: 4V to 60V, Resistor-Set Gain, Independent Amps, MSOP8
LTC6104
Bidirectional High Side Current Sense Amplifier
VIN: 4V to 60V, Resistor-Set Gain Each Direction, MSOP8
LT6105
High Side or Low Side Current Sense Amplifier
VIN: –0.3V to 44V, 300μV Offset, Resistor-Set Gain
LT6107
High Temp High Side Current Sense Amplifier
VIN: 2.7V to 36V, 250μV Offset, –55°C to 150°C
LT6108
High Side Current Sense Amplifier, Reference and
Comparator with Shutdown
VIN: 2.7V to 60V, 125μV Offset, Resistor-Set Gain, ±1.25% Threshold Error
LT6109
High Side Current Sense Amplifier, Reference and 2
Comparators with Shutdown
VIN: 2.7V to 60V, 125μV Offset, Resistor-Set Gain, ±1.25% Threshold Error
LT6118
High Side Current Sense Amplifier, Reference and
Comparator with Power-On Reset Capability
VIN: 2.7V to 60V, 200μV Offset, Resistor-Set Gain, ±1.25% Threshold Error
LT6119
High Side Current Sense Amplifier, Reference and 2
Comparators with Power-On Reset Capability
VIN: 2.7V to 60V, 200μV Offset, Resistor-Set Gain, ±1.25% Threshold Error
TYPICAL APPLICATION
Simple 400V Current Monitor
6106 TA02
LT6106
RIN
100
VOUT
ROUT
4.99k
L
O
A
D
–
+
VOUT =
• VSENSE = 49.9 VSENSE
ROUT
RIN
M1 AND M2 ARE FQD3P50
M1
2M
12V
CMPZ12L
M2
400V
BAT46
VSENSE
RSENSE
ISENSE
+
–
DANGER! Lethal Potentials Present — Use Caution
DANGER!!
HIGH VOLTAGE!!
V+
V–
OUT
–IN
+IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com