Electronic Components Datasheet Search
  English  ▼

X  

DA16600MOD Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA16600MOD
Description  Ultra-Low-Power Wi-Fi Bluetooth® LE Combo Modue
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16600MOD Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA16600MOD Datasheet HTML 9Page - Renesas Technology Corp DA16600MOD Datasheet HTML 10Page - Renesas Technology Corp DA16600MOD Datasheet HTML 11Page - Renesas Technology Corp DA16600MOD Datasheet HTML 12Page - Renesas Technology Corp DA16600MOD Datasheet HTML 13Page - Renesas Technology Corp DA16600MOD Datasheet HTML 14Page - Renesas Technology Corp DA16600MOD Datasheet HTML 15Page - Renesas Technology Corp DA16600MOD Datasheet HTML 16Page - Renesas Technology Corp DA16600MOD Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Ultra-Low-Power Wi-Fi + Bluetooth® LE Combo Module
R19DS0155EK0305 Rev.3.6
Feb 17, 2025
CFR0011-120-00
Page 13
5.5.2
Bluetooth® LE Characteristics
Table 13. DC characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
IBAT_ACTIVE
Battery supply current
0.4
mA
IBAT_BLE_ADV_100
ms
Average battery supply
current with system in
Advertising state (3
channels) every 100 ms and
extended sleep with all RAM
retained.
80
µA
IBAT_BLE_CONN_30
ms
Average battery supply
current with system in a
connection state with 30 ms
connection interval and
extended sleep with all RAM
retained.
92
µA
IBAT_HIBERN
Battery supply current with
system shut down
0.6
µA
IBAT_RF_RX
Battery supply current
Continuous RX
2.3
mA
IBAT_RF_TX_+2
Battery supply current
Continuous TX; Output
power at 2 dBm (Note 1)
4.3
mA
IBAT_RF_TX_-1
Battery supply current
Continuous TX; Output
power at -1 dBm (Note 2)
3.6
mA
IBAT_RF_TX_-4
Battery supply current
Continuous TX; Output
power at -4 dBm
2.8
mA
Note 1
All Bluetooth applications run on the DA16200. Therefore, the DA16200 should be active to handle Bluetooth data
(for example, Bluetooth Connection Request coming from a Bluetooth peer), in which case, RX active current of the
DA16200 is added to the total current consumption.
Note 2
The actual TX output power is slightly different than the one indicated in the parameter name.
5.6
Radiation Performance
The antenna radiation pattern measurements are carried out in an anechoic chamber. Radiation patterns are
presented for three measurement planes: XY-, XZ-, and YZ- planes with horizontal and vertical polarization of
the receiving antenna.
Figure 3. Measurement plane definition
Measurements are carried out for the module installed in the upper left corner on the reference evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com