Electronic Components Datasheet Search
  English  ▼

X  

DA16600MOD Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA16600MOD
Description  Ultra-Low-Power Wi-Fi Bluetooth® LE Combo Modue
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16600MOD Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA16600MOD Datasheet HTML 10Page - Renesas Technology Corp DA16600MOD Datasheet HTML 11Page - Renesas Technology Corp DA16600MOD Datasheet HTML 12Page - Renesas Technology Corp DA16600MOD Datasheet HTML 13Page - Renesas Technology Corp DA16600MOD Datasheet HTML 14Page - Renesas Technology Corp DA16600MOD Datasheet HTML 15Page - Renesas Technology Corp DA16600MOD Datasheet HTML 16Page - Renesas Technology Corp DA16600MOD Datasheet HTML 17Page - Renesas Technology Corp DA16600MOD Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Ultra-Low-Power Wi-Fi + Bluetooth® LE Combo Module
R19DS0155EK0305 Rev.3.6
Feb 17, 2025
CFR0011-120-00
Page 14
Figure 4. TIS 3D
Figure 5. TRP 3D
5.7
ESD Ratings
Table 14. ESD performance
Reliability test
Standards
Test conditions
Result
Human Body Model (HBM)
ANSI/ESDA/JEDEC JS-001-2017
± 2,000 V
Pass
Charge Device Model (CDM)
ANSI/ESDA/JEDEC JS-002-2018
± 500 V
Pass
5.8
Clock Electrical Characteristics
The DA16200MOD has two clock sources, one is the 32.768 kHz clock used by the RTC block and the other is
the 40 MHz clock for the internal processor and Wi-Fi system. More specifically, the 40 MHz clock is used as a
source clock for the internal PLL while the PLL output is used for the internal processor and Wi-Fi system block.
5.8.1
RTC Clock Source
The 32.768 kHz RTC clock source is needed for the free-running counter in the RTC block. The RTC block of
the SoC contains an internal 32.768 kHz RC oscillator as well, which is used as a clock for chip initialization
before the external 32.768 kHz crystal reaches the stable time in the initial stage. It is needed to convert it into
an external clock for accurate clock counting after the initialization stage. This process is executed through the
register setting.
5.8.2
Main Clock Source
The DA16200MOD contains a crystal oscillator for the main clock source which supports the external crystal
clock. Basically, the external clock is 40 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com