Electronic Components Datasheet Search
  English  ▼

X  

DA16600MOD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA16600MOD
Description  Ultra-Low-Power Wi-Fi Bluetooth® LE Combo Modue
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16600MOD Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA16600MOD Datasheet HTML 1Page - Renesas Technology Corp DA16600MOD Datasheet HTML 2Page - Renesas Technology Corp DA16600MOD Datasheet HTML 3Page - Renesas Technology Corp DA16600MOD Datasheet HTML 4Page - Renesas Technology Corp DA16600MOD Datasheet HTML 5Page - Renesas Technology Corp DA16600MOD Datasheet HTML 6Page - Renesas Technology Corp DA16600MOD Datasheet HTML 7Page - Renesas Technology Corp DA16600MOD Datasheet HTML 8Page - Renesas Technology Corp DA16600MOD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Ultra-Low-Power Wi-Fi + Bluetooth® LE Combo Module
R19DS0155EK0305 Rev.3.6
Feb 17, 2025
CFR0011-120-00
Page 2
▪ CPU core subsystem
• Arm® Cortex® -M4F core with clock frequency of
30~160 MHz
• ROM: 256 kB, SRAM: 512 kB, OTP: 8 kB,
Retention Memory: 48 kB
▪ Advanced security
• Secure booting
• Secure debugging using JTAG/SWD and UART
ports
• Secure asset storage
▪ Built-in hardware crypto engines for advanced
security
• TLS/DTLS security protocol functions
• Crypto engine for key deliberate generic security
functions: AES (128,192,256), DES/3DES,
SHA1/224/256, RSA, DH, ECC, CHACHA, and
TRNG
• Individually programmable, multiplexed GPIO pins
• JTAG and SWD
▪ Built-in 2-channel auxiliary ADC for sensor interfaces
• 12-bit SAR ADC: single-ended two channels
▪ Supply
• Operating voltage: 2.1 V to 3.6 V (typical: 3.3 V)
• 2 Digital I/O supply voltage: 1.8 V/3.3 V
• Blackout and brownout detector
▪ Power management unit
• On-chip RTC
• Wake-up control of fast booting or full booting with
minimal initialization time
• Support three ultra-low-power Sleep modes.
Bluetooth Features
▪ Bluetooth
• Compatible with Bluetooth® v5.1, ETSI EN 300 328
and EN 300 440 Class 2 (Europe), FCC CFR47
Part 15 (US) and ARIB STD-T66 (Japan) core
• Support up to 3 connections
▪ Processing and memories
• 16 MHz 32-bit Arm® Cortex-M0+ with SWD
interface
• 48 kB RAM
• 144 kB ROM
• 32 kB OTP
▪ Current consumption
• 2 mA RX at VBAT = 3 V
• 4 mA TX at VBAT = 3 V and 0 dBm
• 1.8 uA at sleep with all RAM retained
▪ Radio
• Programmable RF transmit power
• -93 dBm receiver sensitivity
▪ Interfaces
• 2 channel 11-bit ENOB ADC
• 2 general purpose timers with PWM
• 5 GPIOs
• SPI
• 2x UART, 1-wire UART support
• I2C
▪ Power management
• Operating range (1.8 V - 3.3 V)
• Inrush current control
▪ Others
• Real Time Clock
• Trimmed 32 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com