Electronic Components Datasheet Search
  English  ▼

X  

DA16600MOD Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA16600MOD
Description  Ultra-Low-Power Wi-Fi Bluetooth® LE Combo Modue
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16600MOD Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA16600MOD Datasheet HTML 17Page - Renesas Technology Corp DA16600MOD Datasheet HTML 18Page - Renesas Technology Corp DA16600MOD Datasheet HTML 19Page - Renesas Technology Corp DA16600MOD Datasheet HTML 20Page - Renesas Technology Corp DA16600MOD Datasheet HTML 21Page - Renesas Technology Corp DA16600MOD Datasheet HTML 22Page - Renesas Technology Corp DA16600MOD Datasheet HTML 23Page - Renesas Technology Corp DA16600MOD Datasheet HTML 24Page - Renesas Technology Corp DA16600MOD Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Ultra-Low-Power Wi-Fi + Bluetooth® LE Combo Module
R19DS0155EK0305 Rev.3.6
Feb 17, 2025
CFR0011-120-00
Page 21
10. Soldering
The reflow profile depends on the solder paste being used and the recommendations from the paste
manufacturer should be followed to determine the proper reflow profile.
Figure 14. Reflow condition
Table 18. Typical reflow profile (lead free): J-STD-020C
Profile feature
Lead free SMD
Average ramp up rate (Tsmax to Tp)
3 °C/s Max.
Preheat
● Temperature Min (Tsmin)
● Temperature Max (Tsmax)
● Time (Tsmax to Tsmin)
● 150 °C
● 200 °C
● 60 to 180 seconds
Time maintained above
● Temperature (TL)
● Time (tL)
● 217 °C
● 60 to 150 seconds
Peak/Classification temperature (Tp)
260 °C
Time within 5 °C of peak temperature (tp)
20 to 40 seconds
Ramp down rate
6 °C/s Max.
Time from 25 °C to peak temperature
8 minutes Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com