Electronic Components Datasheet Search
  English  ▼

X  

EM78452WM Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78452WM
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452WM Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78452WM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
EM78452
8-Bit Microcontroller
Product Specification (V1.0) 10.18.2007
• 31
(This specification is subject to change without further notice)
OSC/4: Input clock.
Prescaler: Option of 1:1, 1:4, 1:8, and 1:16 defined by T1P1 and T1P2 (T1CON<1, 0>). It
is cleared when a value is written to TMR1 or T1CON, and during any kind of reset as well.
TMR1: Timer 1 register. TMR1 increases until it overflows, and then resets to 0. If
it is in the SPI baud rate generator mode, its output is fed as a shifting clock. TMR1
register; increases until it overflows, and then reloads the predicted value. If a
value is written to Timer 1, the predicted value and TMR1 value will be the set
value. However, If TRIOS is set to “1” and value is read from TMR1, the value will
be TMR1 direct value. Or else, TRIOS is set to “0” and the value is read from
TMR1, the value will be TMR1 predicted value.
5.6.3 Programming the Related Registers
The related registers of the defining TMR1 operation are shown in Table 4 and Table 5
Table 3 Related Control Registers of the TMR1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0C
SPIS/RC
DORD
TD1
TD0
T1ROS
OD3
OD4
-
RBF
0x0F
INTC/IOCF
0
0
0
0
TM1IE
SPIIE
EXIE
TCIE
Table 4 Related Status/Data Registers ofTMR1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0X0E
TMR1/RE
TMR17 TMR16 TMR15 TMR14 TMR13 TMR12 TMR11 TMR10
0x0C
T1CON/IOCC
0
0
0
0
0
TM1E
TM1P1 TM1P0
TMR1: Timer 1 Register
TMR17~TMR10 are bit set of Timer1 register and it increases until the value
matches PWP and then it resets to 0.
T1ROS (Bit 3): Timer Read Buffer Select Bit
0: Read Value from Timer 1 Preset Register
1: Read Value from Timer 1 Counter Register.
T1CON: Timer 1 Control Register
Bit 2 (TM1E): Timer1 enable bit
Bit 1 (TM1P1) and Bit 0 (TM1P): Timer 1 prescaler for FSCO
TM1P1
TM1P0
Prescaler Rate
0
0
1:1
0
1
1:4
1
0
1:8
1
1
1:16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com