Electronic Components Datasheet Search
  English  ▼

X  

EM78452WM Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM78452WM
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452WM Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78452WM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
EM78452
8-Bit Microcontroller
Product Specification (V1.0) 10.18.2007
• 7
(This specification is subject to change without further notice)
Both P74 and P76 reads or writes data from the DATA pin, while both P75 and P77
reads or writes data from the CLK pin.
5.1.7 R9 (Port9)
The general 6-bit I/O register. The values of the two most significant bits are read as "0".
(Port9)
R9
IOC9 (I/O Port Control Register)
(SPI read buffer)
RA
Reserve
Reserve
(SPI write buffer)
RB
(SPI status buffer)
RC
(SPI control buffer)
RD
IOCC
(Timer1 Control Register)
IOCD (Pull_high Control Register)
(WDT Control Register)
(Timer1 register)
RE
Address
R PAGE registers
IOC PAGE registers
00
R0
(Indirect Addressing Register)
Reserve
01
R1
(Time Clock Counter)
CONT
(Control Register)
02
R2
(Program Counter)
Reserve
03
R3
(Status Register)
Reserve
04
R4
(RAM Select Register)
Reserve
05
R5
(Port5)
IOC5 (I/O Port Control Register)
06
R6
(Port6)
IOC6 (I/O Port Control Register)
07
R7
(Port7)
IOC7 (I/O Port Control Register)
08
09
0A
0B
0C
0D
0E
IOCE
0F
IOCF (Interrupt Mask Register)
10
︰
1F
General Registers
20
:
3E
Bank0
Bank1
Bank2
Bank3
3F
R3F
(Interrupt Status Register)
(Port8)
R8
IOC8 (I/O Port Control Register)
Reserve
Fig. 5-3 Data Memory Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com