Electronic Components Datasheet Search
  English  ▼

X  

EM78452WM Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM78452WM
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452WM Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM78452WM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
EM78452
8-Bit Microcontroller
40
•
Product Specification (V1.0) 10.18.2007
(This specification is subject to change without further notice)
OSCI
OSCO
C1
C2
XTAL
RS
Fig. 5-18 Circuit for Crystal/Resonator
Table 10 Capacitor Selection Guide for Crystal Oscillator Ceramic Resonators
Oscillator Type
Frequency Mode
Frequency
C1 (pF)
C2 (pF)
455 KHz
10~150
10~150
1.0 MHz
40~80
40~80
2.0 MHz
20~40
20~40
Ceramic Resonator
HXT
4.0 MHz
10~30
10~30
455 KHz
20~40
20~150
1.0 MHz
15~30
15~30
2.0 MHz
15
15
Crystal Oscillator
HXT
4.0 MHz
15
15
Fig. 5-19 Circuit for External R, Internal C Oscillator Mode
5.10 Code Option Register :
Word 0
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ENWDT
CLKS
SPIHSK
REN
SDOS
WUTT
Bit 5 (ENWDT): Watchdog Timer enabled.
0: Enable
1: Disable
Bit 4 (CLKS): Clocks of each instruction cycle.
0: Two clocks
1: Four clocks
Bit 3 (SPIHSK): SPI handshake enable bit
0: enable SPI handshake function. When this bit is set to “0.” In SPI
Slave mode, after SPI control register bit 4(SSE) is set to “1” it will
send a high level through P91 (SRDY). Inform the “master” that the
“Slave” is ready.
1: disable SPI handshake function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com