Electronic Components Datasheet Search
  English  ▼

X  

PI6CB332016A Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 7Page - Diodes Incorporated PI6CB332016A Datasheet HTML 8Page - Diodes Incorporated PI6CB332016A Datasheet HTML 9Page - Diodes Incorporated PI6CB332016A Datasheet HTML 10Page - Diodes Incorporated PI6CB332016A Datasheet HTML 11Page - Diodes Incorporated PI6CB332016A Datasheet HTML 12Page - Diodes Incorporated PI6CB332016A Datasheet HTML 13Page - Diodes Incorporated PI6CB332016A Datasheet HTML 14Page - Diodes Incorporated PI6CB332016A Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
11
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
SMBus Serial Data Interface
The PI6CB332016A is a slave only device that supports block and byte protocol using a single 7-bit address and read/write bit as shown
below. The highest bit of register address is to distinguish block write/read and byte write/read. when the highest bit is "1", it's the byte
operation, the highest bit is "0", it's the block operation.
Read and write block transfers can be stopped after any complete byte transfer.
Address Assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
See SMBus Address Selection Table
1/0
Note: SMBus address is latched on SADR pin
Byte Write
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
8 bits
1 bit
1 bit
Start bit
Address
W(0)
Ack
Beginning Byte
location=N
Ack
data
Ack
Stop bit
Byte Read
1 bit
7 bits
1 bit
1 bit
8 bits
1 bit
1 bit
7 bits
1 bit
8 bits
1 bit
1 bit
Start bit Address
W(0)
Ack
Beginning Byte
location=N
Ack
Repeat
Start bit Address
R(1)
data
NAck
Stop bit
Block Write
1 bit
7 bits
1 bit 1 bit
8 bits
1 bit
8 bits
1 bit
8 bits
1 bit
8 bits
1 bit 1 bit
Start
bit Address W(0) Ack
Beginning
Byte Location
= N
Ack Data Byte
count = X Ack
Beginning
Date Byte
(N)
Ack
........
Data Byte
(N+X-1)
Ack Stop
bit
Block Read
1 bit
7 bits
1 bit 1 bit
8 bits
1 bit
1 bit
7 bits
1 bit 1 bit
8 bits
1 bit
8 bits
1 bit
Start
bit
Address W(0) Ack
Beginning
Byte Location
= N
Ack
Repeat
Start bit Address R(1)
Ack Data Byte
count = X Ack
Beginning
Date Byte
(N)
Ack
8 bits
1 bit
1 bit
........
Data Byte
(N+X-1)
NAck Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com