Electronic Components Datasheet Search
  English  ▼

X  

PI6CB332016A Datasheet(PDF) 19 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 15Page - Diodes Incorporated PI6CB332016A Datasheet HTML 16Page - Diodes Incorporated PI6CB332016A Datasheet HTML 17Page - Diodes Incorporated PI6CB332016A Datasheet HTML 18Page - Diodes Incorporated PI6CB332016A Datasheet HTML 19Page - Diodes Incorporated PI6CB332016A Datasheet HTML 20Page - Diodes Incorporated PI6CB332016A Datasheet HTML 21Page - Diodes Incorporated PI6CB332016A Datasheet HTML 22Page - Diodes Incorporated PI6CB332016A Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19
19
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Byte 17: LPHCSL_AMP_CTRL
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
AMP
Global Differential output Control
0.625V~1V 25mV/step Default = 0.8V
RW
0x7
6
RW
5
RW
4
RW
3
Reserved
RW
0x0
2
RW
1
RW
0
RW
Byte 18: POWERDOWN_RESTORE_LOS#
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
AC_IN
Enable receiver bias when IN is AC coupled
RW
0
0 = DC coupled input
1 = AC coupled input
6
Rx_TERM
Enable termination resistors on IN
RW
0
0 = input termination R is
disabled
1 = input termination R is
enabled
5
Reserved
RW
0
4
Reserved
RW
0
3
PD_RESTORE#
Save Configuration in Power Down
RW
1
0 = Config Cleared
1 = Config Saved
2
Reserved
RW
1
1
Reserved
RW
0
0
LOS#_RB
Real time read back of loss detect block output
RO
X
0 = LOS event detected
1 = NO LOS event detected.
Byte 19: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com