Electronic Components Datasheet Search
  English  ▼

X  

PI6CB332016A Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 11Page - Diodes Incorporated PI6CB332016A Datasheet HTML 12Page - Diodes Incorporated PI6CB332016A Datasheet HTML 13Page - Diodes Incorporated PI6CB332016A Datasheet HTML 14Page - Diodes Incorporated PI6CB332016A Datasheet HTML 15Page - Diodes Incorporated PI6CB332016A Datasheet HTML 16Page - Diodes Incorporated PI6CB332016A Datasheet HTML 17Page - Diodes Incorporated PI6CB332016A Datasheet HTML 18Page - Diodes Incorporated PI6CB332016A Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15
15
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Byte 0: OUTPUT_ENABLE_0
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
Q7_En
Output Enable for Q7
RW
1
0 = output is disabled
1 = output is enabled
6
Q6_En
Output Enable for Q6
RW
1
5
Q5_En
Output Enable for Q5
RW
1
4
Q4_En
Output Enable for Q4
RW
1
3
Q3_En
Output Enable for Q3
RW
1
2
Q2_En
Output Enable for Q2
RW
1
1
Q1_En
Output Enable for Q1
RW
1
0
Q0_En
Output Enable for Q0
RW
1
Byte 1: OUTPUT_ENABLE_1
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
Q15_EN
Output Enable for Q15
RW
1
0 = output is disabled (low)
1 = output is enabled
6
Q14_EN
Output Enable for Q14
RW
1
5
Q13_EN
Output Enable for Q13
RW
1
4
Q12_EN
Output Enable for Q12
RW
1
3
Q11_EN
Output Enable for Q11
RW
1
2
Q10_EN
Output Enable for Q10
RW
1
1
Q9_EN
Output Enable for Q9
RW
1
0
Q8_EN
Output Enable for Q8
RW
1
Byte 2: OE_PIN_READBACK_0
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
RB_OE#_7
Status of OE#7
RO
Pin
0 = OE# pin low
1 = OE# pin high
6
RB_OE#_6
Status of OE#6
RO
Pin
5
RB_OE#_5
Status of OE#5
RO
Pin
4
RB_OE#_4
Status of OE#4
RO
Pin
3
RB_OE#_3
Status of OE#3
RO
Pin
2
RB_OE#_2
Status of OE#2
RO
Pin
1
RB_OE#_1
Status of OE#1
RO
Pin
0
RB_OE#_0
Status of OE#0
RO
Pin
SMBus Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com