Electronic Components Datasheet Search
  English  ▼

X  

PI6CB332016A Datasheet(PDF) 20 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 16Page - Diodes Incorporated PI6CB332016A Datasheet HTML 17Page - Diodes Incorporated PI6CB332016A Datasheet HTML 18Page - Diodes Incorporated PI6CB332016A Datasheet HTML 19Page - Diodes Incorporated PI6CB332016A Datasheet HTML 20Page - Diodes Incorporated PI6CB332016A Datasheet HTML 21Page - Diodes Incorporated PI6CB332016A Datasheet HTML 22Page - Diodes Incorporated PI6CB332016A Datasheet HTML 23Page - Diodes Incorporated PI6CB332016A Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
20
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Byte 20: Output_Slew_Rate_0
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
Q7_SLEWRATE
Q7 Slewrate Control
RW
pin status
0 = low slew rate
1 = high slew rate
6
Q6_SLEWRATE
Q6 Slewrate Control
RW
pin status
5
Q5_SLEWRATE
Q5 Slewrate Control
RW
pin status
4
Q4_SLEWRATE
Q4 Slewrate Control
RW
pin status
3
Q3_SLEWRATE
Q3 Slewrate Control
RW
pin status
2
Q2_SLEWRATE
Q2 Slewrate Control
RW
pin status
1
Q1_SLEWRATE
Q1 Slewrate Control
RW
pin status
0
Q0_SLEWRATE
Q0 Slewrate Control
RW
pin status
Byte 21: Output_Slew_Rate_1
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
Q15_SLEWRATE
Q15 Slewrate Control
RW
pin status
0 = low slew rate
1 = high slew rate
6
Q14_SLEWRATE
Q14 Slewrate Control
RW
pin status
5
Q13_SLEWRATE
Q13 Slewrate Control
RW
pin status
4
Q12_SLEWRATE
Q12 Slewrate Control
RW
pin status
3
Q11_SLEWRATE
Q11 Slewrate Control
RW
pin status
2
Q10_SLEWRATE
Q10 Slewrate Control
RW
pin status
1
Q9_SLEWRATE
Q9 Slewrate Control
RW
pin status
0
Q8_SLEWRATE
Q8 Slewrate Control
RW
pin status
Byte 22-37: RESERVED (Default: 0xXX)
Byte 38: WRITE_LOCK_NOCLEAR
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
Reserved
RW
1'b0000000
6
RW
5
RW
4
RW
3
RW
2
RW
1
RW
0
WRITE_LOCK
Non-clearable SMBus Write Lock bit. When
written to one, the SMBus control registers can-
not be written to. This bit can only be cleared by
cycling power.
RW
0
0 = SMBus not locked for writ-
ing by this bit. See WRITE_
LOCK_RW1C bit.
1 = SMBus locked for writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com