Electronic Components Datasheet Search
  English  ▼

X  

MAS9090B Datasheet(PDF) 7 Page - Micronas

Part # MAS9090B
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090B Datasheet(HTML) 7 Page - Micronas

Back Button MAS9090B Datasheet HTML 3Page - Micronas MAS9090B Datasheet HTML 4Page - Micronas MAS9090B Datasheet HTML 5Page - Micronas MAS9090B Datasheet HTML 6Page - Micronas MAS9090B Datasheet HTML 7Page - Micronas MAS9090B Datasheet HTML 8Page - Micronas MAS9090B Datasheet HTML 9Page - Micronas MAS9090B Datasheet HTML 10Page - Micronas MAS9090B Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DA9090B.001
January 14, 1998
7
TIMING SPECIFICATIONS
x Serial Control Port Timing
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Frequency of CCLK
fCCLK
2.048
MHz
Period of CCLK high
tWHC
Measured from VIH to VIH
160
ns
Period of CCLK low
tWLC
Measured from VIL to VIL
160
ns
Rise time of CCLK
tRC
Measured from VIL to VIH
50
ns
Fall time of CCLK
tFC
Measured from VIH to VIL
50
ns
Hold time, CCLK high to CS low
tHCHS
10
ns
Setup time, CS low to CCLK high
tSSLCH
50
ns
Setup time, valid CI data to CCLK high
tSDCH
50
ns
Hold time, CCLK high to invalid CI data
tHCHD
50
ns
Delay time, CCLK low to valid CO data
tDCLD
Load = 100 pF
80
ns
Delay time, CS low to valid CO data
tDSD
50
ns
Delay time, CS high or 8
th CCLK low to
CO high impedance
tDSZ
10
80
ns
Hold time, 8
th CCLK high to CS high
tH8CHS
100
ns
Setup time, CS high to CCLK high
tSSHCH
100
ns
x Serial Control Port Timing Diagram (MICROWIRE mode)
CCLK
CS
CI
CO
1
2
3
4
5
67
8
1
2
3
4
5
67
8
76
5
4
3
2
1
0
76
5
4
3
2
1
0
76
5
4
3
2
1
0
t
WHC
t
WLC
t
RC
t
FC
t
SSLCH
t
HCHS
t
SDCH
t
HCHD
t
HCHSH tSSLCH
t
SSHCH
t
HCHS
t
DSD
t
DCLD
t
DSZ
t
HCHSH
BYTE 2
BYTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com