Electronic Components Datasheet Search
  English  ▼

X  

MAS9090B Datasheet(PDF) 1 Page - Micronas

Part # MAS9090B
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090B Datasheet(HTML) 1 Page - Micronas

  MAS9090B Datasheet HTML 1Page - Micronas MAS9090B Datasheet HTML 2Page - Micronas MAS9090B Datasheet HTML 3Page - Micronas MAS9090B Datasheet HTML 4Page - Micronas MAS9090B Datasheet HTML 5Page - Micronas MAS9090B Datasheet HTML 6Page - Micronas MAS9090B Datasheet HTML 7Page - Micronas MAS9090B Datasheet HTML 8Page - Micronas MAS9090B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DA9090B.001
January 14, 1998
1
MAS9090B
LOW VOLTAGE 14-BIT LINEAR CODEC
• 14-bit linear analog to digital and digital to analog converters
• 8-bit A-law or µ-law companded analog to digital and digital to
analog converters
DESCRIPTION
The MAS9090 is a high performance low power PCM CODEC and filter device tailored to implement the audio
front-end functions required by the low voltage/low power consumption digital terminals.
FEATURES
APPLICATIONS
Single 2.7-3.6 V or 4.5-5.5 V supply selectable
-30
°C to 85°C temperature operation range
11 mW operating power (typ. at 2.7V)
15 mW operating power (typ. at 3.0V)
27 mW operating power (typ. at 3.6V)
38 mW operating power (typ. at 5.0V)
Digital bandpass filters
±0.5 dB absolute gain accuracy (untrimmed)
28-pin SO and 44-pin TQFP packages
Pin compatible with ST5090 and ST5092
GSM digital cellular telephones
Battery operated audio front-ends for DSPs
ISDN Terminals
CT2 and DECT digital cordless telephones
BLOCK DIAGRAM
Compressor
TX
Register
Bandpass
Filter
MUX
MUX
Expander
RX
Register
Bandpass
Filter
Ring/Tone/DTMF
Generator
+
Buzzer Control
Serial
Control
Interface
PreAmp
TX
Gain
Sidetone
Gain
Tone
Gain
Buffer
Amplifiers
Clock
Generator
MIC3-
MIC2-
MIC1-
MIC3+
MIC2+
MIC1+
BZ
SP1-
SP1+
SP2+
SP2-
TX
RX
MCLK
FS
CO
CI
CS
CCLK
LO
RX Gain
(SP1/SP2)
1
3
2
4
EN
EN
PCM
D to A
Converter
3
+
+
+
-12.5...-27.5 dB
1 dB step
SI
RTE
0...-30 dB
2 dB step
SE
OE1
OE2
TE
VS
PCM
A to D
Converter
1
DE
0...-27 dB
3 dB step
0...22.5 dB
1.5 dB step
BE


Similar Part No. - MAS9090B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
More results

Similar Description - MAS9090B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Feb-1996
ST5092 STMICROELECTRONICS-ST5092 Datasheet
272Kb / 29P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Jun-1997
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
Dual 16-Bit Linear Codec-Filter
logo
STMicroelectronics
STW5093CYLT STMICROELECTRONICS-STW5093CYLT Datasheet
620Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
Serial 13-Bit Linear Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com