Electronic Components Datasheet Search
  English  ▼

X  

MAS9090B Datasheet(PDF) 10 Page - Micronas

Part # MAS9090B
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090B Datasheet(HTML) 10 Page - Micronas

Back Button MAS9090B Datasheet HTML 6Page - Micronas MAS9090B Datasheet HTML 7Page - Micronas MAS9090B Datasheet HTML 8Page - Micronas MAS9090B Datasheet HTML 9Page - Micronas MAS9090B Datasheet HTML 10Page - Micronas MAS9090B Datasheet HTML 11Page - Micronas MAS9090B Datasheet HTML 12Page - Micronas MAS9090B Datasheet HTML 13Page - Micronas MAS9090B Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
DA9090B.001
January 14, 1998
10
TRANSMISSION CHARACTERISTICS
x Envelope delay distortion with frequency
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TX delay, absolute
DTXA
f = 1600 Hz
800
µs
TX delay, relative
DTXR
f = 500 - 600 Hz
15
µs
f = 600 - 800 Hz
20
f = 800 - 1000 Hz
5
f = 1000 - 1600 Hz
-15
f = 1600 - 2600 Hz
-40
f = 2600 - 2800 Hz
-50
f = 2800 - 3000 Hz
-50
RX delay, absolute
DRXA
f = 1600 Hz
800
µs
RX delay, relative
DRXR
f = 500 - 600 Hz
15
µs
f = 600 - 800 Hz
20
f = 800 - 1000 Hz
5
f = 1000 - 1600 Hz
-15
f = 1600 - 2600 Hz
-40
f = 2600 - 2800 Hz
-50
f = 2800 - 3000 Hz
-50
x Noise
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TX noise, P weighted
NTXP
VMIC = 0V, DE = 0,
TX gain set to 15 dB
-72*
-68*
dBm0
RX noise, A weighted
(max. gain)
NRXA
Receive PCM code = positive zero
SI = 0, RTE = 0
140*
190*
µV
RMS
Noise, single frequency
NS
MIC = 0V,
loop around measurement from
f = 0 Hz to 100 kHz
-76
-50
dBm0
PSRR, TX
PPSRTX
MIC = 0V
VCC = 3.3VDC + 50 mVRMS
f = 0 Hz to 50 kHz
30
44
dB
PSRR, RX
PPSRRX
PCM code equals positive zero
VCC = 3.3 VDC + 50 mVRMS
f = 0 Hz to 4 kHz
30
54
dB
f = 4 kHz to 50 kHz
30
Spurious out-band signal at
the output
(relative to signal)
SOS
RX input set to -6 dBm0 PCM code,
300 Hz 3400 Hz input PCM code
applied at RX
4600 Hz - 5600 Hz
-45
dB
5600 Hz - 7600 Hz
-45
7600 Hz - 8400 Hz
-50
8400 Hz - 20000 Hz
-50
Common mode rejection ratio
CMRRX
MIC = -6dBm0, max. gain
-74
-45
dB
Tone generator noise
NTONE
DTMF frequencies, TX/SP output
-36
-28
dBm0
*Limit is used to speed up automatic testing. True value is less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com