Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8657
Description  Dual Universal Precision Op Amp Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 4 Page - Analog Devices

  AD8657 Datasheet HTML 1Page - Analog Devices AD8657 Datasheet HTML 2Page - Analog Devices AD8657 Datasheet HTML 3Page - Analog Devices AD8657 Datasheet HTML 4Page - Analog Devices AD8657 Datasheet HTML 5Page - Analog Devices AD8657 Datasheet HTML 6Page - Analog Devices AD8657 Datasheet HTML 7Page - Analog Devices AD8657 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN-763
Application Note
Rev. C | Page 4 of 8
R1
1k
Ω
V–
V+
V–
V+
VIN
100k
Ω
R2
100
Ω
C3
1k
Ω
R4
R3
C2
VCC
VEE
VCC
VEE
1/2
AD8657
1/2
AD8657
Figure 6. Low Power Composite Amplifier
A composite amplifier can be used to optimize the dc and ac
characteristics. Figure 6 shows an example using the AD8657,
which offers many circuit advantages. The bandwidth is
increased substantially and the input offset voltage and noise
of the AD8657 becomes insignificant because they are divided
by the high gain of the amplifier. The circuit offers a high
bandwidth, a high output current, and a very low power
consumption of less than 100 μA.
EXTERNAL COMPENSATION TECHNIQUES
Series Resistor Compensation
The use of external compensation networks may be required
to optimize certain applications. Figure 7 shows a typical
representation of a series resistor compensation to stabilize an
op amp driving capacitive loads. The stabilizing effect of the
series resistor can be thought of as a means to isolate the op
amp output and the feedback network from the capacitive load.
The required amount of series resistance depends on the part
used, but values of 5 Ω to 50 Ω are usually sufficient to prevent
local resonance. The disadvantage of this technique is a
reduction in gain accuracy and extra distortion when driving
nonlinear loads.
VIN
VOUT
R2
CL
RL
Figure 7. Series Resistor Compensation
TIME (10µs/DIV)
GND
RL = 10kΩ
CL = 2nF
Figure 8. Capacitor Load Drive Without Resistor
TIME (10µs/DIV)
GND
RL = 10kΩ
RS = 200Ω
CL = 2nF
CS = 0.47µF
Figure 9. Capacitor Load Drive with Resistor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com