Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8657
Description  Dual Universal Precision Op Amp Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 5 Page - Analog Devices

  AD8657 Datasheet HTML 1Page - Analog Devices AD8657 Datasheet HTML 2Page - Analog Devices AD8657 Datasheet HTML 3Page - Analog Devices AD8657 Datasheet HTML 4Page - Analog Devices AD8657 Datasheet HTML 5Page - Analog Devices AD8657 Datasheet HTML 6Page - Analog Devices AD8657 Datasheet HTML 7Page - Analog Devices AD8657 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Note
AN-763
Rev. C | Page 5 of 8
SNUBBER NETWORK
Another way to stabilize an op amp driving a capacitive load
is through the use of a snubber as shown in Figure 10.
This method has the significant advantage of not reducing the
output swing because there is no isolation resistor in the signal
path. Also, the use of the snubber does not degrade the gain
accuracy or cause extra distortion when driving a nonlinear
load. The exact RS and CS combination can be determined
experimentally.
VIN
VOUT
CL
CS
RS
RL
Figure 10. Snubber Network
TIME (1µs/DIV)
RL = 10kΩ
CL = 500pF
Figure 11. Capacitor Load Drive Without Snubber
TIME (1µs/DIV)
RL = 10kΩ
CL = 500pF
RS = 100Ω
CS = 1nF
Figure 12. Capacitor Load Drive with Snubber



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com