Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8657
Description  Dual Universal Precision Op Amp Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 1 Page - Analog Devices

  AD8657 Datasheet HTML 1Page - Analog Devices AD8657 Datasheet HTML 2Page - Analog Devices AD8657 Datasheet HTML 3Page - Analog Devices AD8657 Datasheet HTML 4Page - Analog Devices AD8657 Datasheet HTML 5Page - Analog Devices AD8657 Datasheet HTML 6Page - Analog Devices AD8657 Datasheet HTML 7Page - Analog Devices AD8657 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AN-763
APPLICATION NOTE
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Dual Universal Precision Op Amp Evaluation Board
Rev. C | Page 1 of 8
INTRODUCTION
The EVAL-PRAOPAMP-2RZ, EVAL-PRAOPAMP-2RMZ, and
EVAL-PRAOPAMP-2CPZ are universal precision evaluation
boards that accommodate dual op amps in 8-pin SOIC,
MSOP, and LFCSP packages, respectively. For the exposed pad
connection for the LFCSP package, see the appropriate product
data sheet.
These PRAOPAMP evaluation boards provide multiple choices
and extensive flexibility for different application circuits and
configurations.
These boards are not intended to be used with high frequency
components or high speed amplifiers. However, they provide
the user with many combinations for various circuit types,
including active filters, instrumentation amplifiers, composite
amplifiers, and external frequency compensation circuits.
Several examples of application circuits are provided in this
application note.
TWO STAGE BAND-PASS FILTER
4
V–
V1
R1
20k
Ω
+
–
V+
8
7
1/2 ADA4077-2
6
5
C2
10nF
C1
10nF
R2
10k
Ω
4
V–
C4
330pF
V+
8
1
1/2 ADA4077-2
2
3
C3
680pF
R3
33k
Ω
R4
33k
Ω
VOUT
Figure 1. KRC Filter
The low offset voltage and high CMRR makes the ADA4077-2
a great choice for precision filters, such as the KRC filter shown
in Figure 1.
This particular filter implementation offers the flexibility to
tune the gain and the cut-off frequency independently.
Since the common-mode voltage into the amplifier varies
with the input signal in the KRC filter circuit, a high CMRR
amplifier, such as the ADA4077-2, is required to minimize
distortion. Furthermore, the low offset voltage of the ADA4077-2
allows a wider dynamic range when the circuit gain is chosen to
be high.
The circuit shown in Figure 1 consists of two stages. The first
stage is a simple high-pass filter with a corner frequency, fC, of
C1C2R1R2
π
2
1
(1)
and
R2
R1
K
Q =
(2)
where K is the dc gain.
Choosing equal capacitor values minimizes the sensitivity and
simplifies the expression for fC to
R1R2
C
π
2
1
(3)
The value of Q determines the peaking of the gain vs. frequency
(generally ringing in the time domain). Commonly chosen
values for Q are near unity.
Setting Q = 1/√2 yields minimum gain peaking and minimum
ringing. Use Equation 3 to determine the values for R1 and R2.
For example, set Q = 1/√2 and R1/R2 = 2 in the circuit example,
and pick R1 = 5 kΩ and R2 = 10 kΩ for simplicity. The second
stage is a low-pass filter whose corner frequency can be deter-
mined in a similar fashion.
R3 = R4 = R
C3C4
R
fC
×
=
π
2
1
and
C4
C3
Q
2
/
1
=


Similar Part No. - AD8657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8657 AD-AD8657 Datasheet
1Mb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
AD8657 AD-AD8657 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8657 AD-AD8657 Datasheet
248Kb / 5P
Technical Article
AD8657 AD-AD8657 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
AD8657 AD-AD8657 Datasheet
1Mb / 33P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. E
More results

Similar Description - AD8657

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Analog Devices
AN-732 AD-AN-732 Datasheet
277Kb / 4P
Universal Precision Op Amp Evaluation Board in SOIC Package
REV. A
AN-763 AD-AN-763 Datasheet
348Kb / 4P
Dual Universal Precision Op Amp Evaluation Board
REV. B
AN-733 AD-AN-733 Datasheet
631Kb / 4P
Universal Precision Op Amp Evaluation Board in MSOP Package
REV. A
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
National Semiconductor ...
CLC730131 NSC-CLC730131 Datasheet
322Kb / 8P
Quad TSSOP Op Amp Evaluation Board
logo
Linear Technology
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
Dual, Precision JFET Input Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
Dual Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
RAD HARD DUAL PRECISION OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com