Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8657
Description  Dual Universal Precision Op Amp Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 3 Page - Analog Devices

  AD8657 Datasheet HTML 1Page - Analog Devices AD8657 Datasheet HTML 2Page - Analog Devices AD8657 Datasheet HTML 3Page - Analog Devices AD8657 Datasheet HTML 4Page - Analog Devices AD8657 Datasheet HTML 5Page - Analog Devices AD8657 Datasheet HTML 6Page - Analog Devices AD8657 Datasheet HTML 7Page - Analog Devices AD8657 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Application Note
AN-763
Rev. C | Page 3 of 8
HALF WAVE, FULL WAVE RECTIFIER
Rectifying circuits are used in a multitude of applications. One
of the most popular uses is in the design of regulated power
supplies where a rectifier circuit is used to convert an input
sinusoid to a unipolar output voltage. There are some potential
problems for amplifiers used in this manner.
When the input voltage VIN is negative, the output is zero.
When the magnitude of VIN is doubled at the input of the op
amp, this voltage could exceed the power supply voltage which
would damage the amplifiers permanently. The op amp must
come out of saturation when VIN is negative. This delays the
output signal because the amplifier needs time to enter its
linear region.
The ADA4610-2 has a very fast overdrive recovery time, which
makes it a great choice for rectification of transient signals. The
symmetry of the positive and negative recovery time is also very
important in keeping the output signal undistorted.
8
4
2
1
3
1/2
ADA4610-2
4
8
5
7
6
2/2
ADA4610-2
R2
10k
Ω
R3
10k
Ω
R1
1k
Ω
OUT A
(HALF WAVE)
OUT B
(FULL WAVE)
5V
5V
VIN
3V p-p
+
–
Figure 2. Half Wave and Full Wave Rectifier
TIME (1mS/DIV)
Figure 3. Half Wave Rectifier Signal (Output A)
TIME (1mS/DIV)
Figure 4. Full Wave Rectifier Signal (Output B)
Figure 2 is a typical representation of a rectifier circuit. The first
stage of the circuit is a half wave rectifier. When the sine wave
applied at the input is positive, the output follows the input
response. During the negative cycle of the input, the output tries
to swing negative to follow the input, but the power supplies
restrains it to zero. Similarly, the second stage is a follower
during the positive cycle of the sine wave and an inverter during
the negative cycle. Figure 3 and Figure 4 represents the signal
response of the circuit at Output A and Output B, respectively.
HIGH GAIN COMPOSITE AMPLIFIER
VEE
VCC
R1
1k
Ω
VCC
VEE
VIN
99k
Ω
R2
V+
V–
V+
V–
R3
R4
99k
Ω
1k
Ω
U5
1/2
ADA4661-2
1/2
ADA4661-2
Figure 5. High Gain Composite Amplifier
A composite amplifier can provide a very high gain in appli-
cations where high closed-loop dc gain is needed. The high gain
achieved by the composite amplifier comes at the expense of a
loss in phase margin.
Placing a small capacitor, CF, in the feedback loop and in
parallel with R2 improves the phase margin. For the circuit
of Figure 5, picking a CF = 50 pF yields a phase margin of
about 45°.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com