Electronic Components Datasheet Search
  English  ▼

X  

FC4012D Datasheet(PDF) 20 Page - Positronic.

Part # FC4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC4012D Datasheet(HTML) 20 Page - Positronic.

Back Button FC4012D Datasheet HTML 16Page - Positronic. FC4012D Datasheet HTML 17Page - Positronic. FC4012D Datasheet HTML 18Page - Positronic. FC4012D Datasheet HTML 19Page - Positronic. FC4012D Datasheet HTML 20Page - Positronic. FC4012D Datasheet HTML 21Page - Positronic. FC4012D Datasheet HTML 22Page - Positronic. FC4012D Datasheet HTML 23Page - Positronic. FC4012D Datasheet HTML 24Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
1.250 [31.75] TYP.
0.618 [15.70]
0.055 [1.38] TYP.
X
0.109 [2.77] TYP.
0.893 [22.68] TYP.
1.250 [31.75]TYP.
0.055 [1.38] TYP.
0.109 [2.77] TYP.
0.893 [22.68] TYP.
1.203 [30.56] TYP.
0.109 [2.77] TYP.
0.270 [6.86] TYP.
B
X
X
Y
Y
0.055 [1.38] TYP.
0.109 [2.77] TYP.
X
X
0.540 [13.72]
0.810 [20.57]
1.203 [30.56] TYP.
0.055 [1.38] TYP.
1.203 [30.56] TYP.
0.109 [2.77] TYP.
0.810 [20.57]
X
X
B
0.270 [6.86]
0.540 [13.72]
1.203 [30.56] TYP.
X
X
B
B
0.900 [22.86]
0.650 [16.51]
0.060 [1.52]
0.120 [3.05]
1.250 [31.75]
Y
X
0.810 [20.57] TYP.
0.055 [1.38]
0.109 [2.77] TYP.
C
A
A
47W1
RIGHT ANGLE (90°) PRINTED BOARD CONTACT HOLE PATTERN
WITH 0.125 [3.18] Ø POWER CONTACTS
HOLE IDENTIFICATION SHOWN FOR MALE CONNECTOR; USE MIRROR IMAGE FOR FEMALE CONNECTOR.
MOUNT CONNECTOR WITH MATING FACE POSITIONED TO FOLLOW DIRECTION OF ARROWS.
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.045 [1.14] Ø hole for signal contact termination positions.
Suggest 0.145 [3.68] Ø hole for power contact termination positions.
Suggest 0.123±0.003 [3.12] Ø hole for mounting connector with push-on fasteners.
25W3
27W2
36W4
43W2
46W4
24W7
CODE
NO.
5 & 57
7 & 77
A
0.471
[11.96]
0.390
[9.91]
B
0.415
[10.54]
0.340
[8.64]
C
0.359
[9.12]
0.290
[7.37]
X
0.112
[2.84]
0.100
[2.54]
Y
0.056
[1.42]
0.050
[1.27]
14
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com