Electronic Components Datasheet Search
  English  ▼

X  

FC4012D Datasheet(PDF) 70 Page - Positronic.

Part # FC4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC4012D Datasheet(HTML) 70 Page - Positronic.

Back Button FC4012D Datasheet HTML 66Page - Positronic. FC4012D Datasheet HTML 67Page - Positronic. FC4012D Datasheet HTML 68Page - Positronic. FC4012D Datasheet HTML 69Page - Positronic. FC4012D Datasheet HTML 70Page - Positronic. FC4012D Datasheet HTML 71Page - Positronic. FC4012D Datasheet HTML 72Page - Positronic. FC4012D Datasheet HTML 73Page - Positronic. FC4012D Datasheet HTML 74Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
MALE CONTACT
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
0.066
[1.68]
ØA
0.170+0.015-0.020
[4.32+0.38-0.51]
Ø0.040 [1.02]
0.170+0.015-0.020
[4.32+0.38-0.51]
0.066
[1.68]
ØA
0.538 [13.67]
0.550 [13.97]
INDUSTRIAL / MILITARY LEVEL REMOVABLE CRIMP SIGNAL CONTACT
FOR USE WITH CBC SERIES CONNECTORS
SIZE 20
FEMALE
PART NUMBER
WIRE SIZE
AWG [mm2]
ØA
FC6020D2
20 / 22 / 24
[0.5/0.3/0.25]
0.045
[1.14]
FC6026D2
26 / 28 / 30
[0.12/0.08/0.05]
0.027
[0.69]
MALE
PART NUMBER
WIRE SIZE
AWG [mm2]
ØA
MC6020D
20 / 22 / 24
[0.5/0.3/0.25]
0.045
[1.14]
MC6026D
26 / 28 / 30
[0.12/0.08/0.05]
0.027
[0.69]
MILITARY LEVEL REMOVABLE CRIMP SIGNAL CONTACT
FOR USE WITH CBC SERIES CONNECTORS
SIZE 20
QUALIFIED TO AS39029
FEMALE
PART NUMBER
WIRE SIZE
AWG [mm2]
*M39029/63-368
20 / 22 / 24
[0.5/0.3/0.25]
Positronic is qualified to supply the legacy design, as well as, the
PosiBand design. If the requirement is for the PosiBand design
exclusively, notify sales at time of quotation for order placement
when requesting M39029 contacts.
MALE
PART NUMBER
WIRE SIZE
AWG [mm2]
*M39029/64-369
20 / 22 / 24
[0.5/0.3/0.25]
* Color Code
0.066
[1.68]
0.045
[1.14]
0.170+0.015-0.020
[4.32+0.38-0.51]
Stainless Steel Shroud
Ø0.040 [1.02]
0.170+0.015-0.020
[4.32+0.38-0.51]
0.066
[1.68]
0.045
[1.14]
* Color Code
0.538 [13.67]
0.550 [13.97]
MALE CONTACT
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
*MILITARY
SPECIFICATION CONTACTS
STANDARD FINISH:
0.000050 inch [1.27µ] gold over
nickel
COLOR CODE:
MALE CONTACT:
ORANGE/BLUE/WHITE
FEMALE CONTACT:
ORANGE/BLUE/GRAY
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
72
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com