Electronic Components Datasheet Search
  English  ▼

X  

FC4012D Datasheet(PDF) 38 Page - Positronic.

Part # FC4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC4012D Datasheet(HTML) 38 Page - Positronic.

Back Button FC4012D Datasheet HTML 34Page - Positronic. FC4012D Datasheet HTML 35Page - Positronic. FC4012D Datasheet HTML 36Page - Positronic. FC4012D Datasheet HTML 37Page - Positronic. FC4012D Datasheet HTML 38Page - Positronic. FC4012D Datasheet HTML 39Page - Positronic. FC4012D Datasheet HTML 40Page - Positronic. FC4012D Datasheet HTML 41Page - Positronic. FC4012D Datasheet HTML 42Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
0.314 [7.98]
0.100 [2.54]
0.100 [2.54]
0.170 [4.32]
Nominal
Ø0.030 [0.76]
0.414
[10.52]
1.312±0.008
[33.32±0.20]
1.532 [38.91]
Fixed female jackscrews
A1
1
3
4
7
13
15
16
18
9
10
0.220 [5.59] Max.
Ø0.125 [3.18]
0.810 [20.56]
6
12
Typical part number:
CBDD19W1M47R70T20
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
SIZE 8 POWER CONTACTS WITH 0.125 [3.18] Ø TERMINATIONS
CODE 4 AND 47, 0.314 [7.98] CONTACT EXTENSION
See temperature rise curves on pages 1 and 2
0.314 [7.98]
0.100 [2.54]
0.100 [2.54]
0.170 [4.32]
Nominal
Ø0.030 [0.76]
0.414
[10.52]
2.500±0.008 [63.50±0.20]
2.720 [69.09]
Fixed female jackscrews
A1
A2
1
7
8
15
16
30
36
37
43
29
22
23
0.220 [5.59] Max.
Ø0.078 [1.98]
Typical part number:
CBDD45W2M45R70T20
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
SIZE 8 POWER CONTACTS WITH 0.078 [1.98] Ø TERMINATIONS
CODE 4 AND 45, 0.314 [7.98] CONTACT EXTENSION
See temperature rise curves on pages 1 and 2
32
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com