Electronic Components Datasheet Search
  English  ▼

X  

FC4012D Datasheet(PDF) 72 Page - Positronic.

Part # FC4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC4012D Datasheet(HTML) 72 Page - Positronic.

Back Button FC4012D Datasheet HTML 68Page - Positronic. FC4012D Datasheet HTML 69Page - Positronic. FC4012D Datasheet HTML 70Page - Positronic. FC4012D Datasheet HTML 71Page - Positronic. FC4012D Datasheet HTML 72Page - Positronic. FC4012D Datasheet HTML 73Page - Positronic. FC4012D Datasheet HTML 74Page - Positronic. FC4012D Datasheet HTML 75Page - Positronic. FC4012D Datasheet HTML 76Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
0.255 [6.48]
0.0.0625 ± 0.001
[1.588 ± 0.025]
0.255 [6.48]
0.684 [17.37]
0.681 [17.30]
ØB ±0.003
[±0.08]
ØA±0.003
[±0.08]
ØB ±0.003
[±0.08]
ØA ±0.003
[±0.08]
FEMALE
PART NUMBER
WIRE SIZE
AWG [mm2]
ØA
ØB
FC112N4S
12 / [4.0]
N/A
0.098 [2.49]
FC112N4
12 / [4.0]
N/A
0.098 [2.49]
FC114N4
14-16 [2.5-1.5]
0.105 [2.67]
0.081 [2.06]
FC116N4
16-18 [1.5-1.0]
0.093 [2.36]
0.067 [1.70]
FC120N4
20-22-24
[0.5-0.3-0.25]
0.068 [1.73]
0.045 [1.14]
MALE
PART NUMBER
WIRE SIZE
AWG [mm2]
ØA
ØB
MC112NS-133.0
12 / [4.0]
N/A
0.098 [2.49]
MC112N-133.0
12 / [4.0]
N/A
0.098 [2.49]
MC114N-133.0
14-16 [2.5-1.5]
0.105 [2.67]
0.081 [2.06]
MC116N-133.0
16-18 [1.5-1.0]
0.093 [2.36]
0.067 [1.70]
MC120N-133.0
20-22-24
[0.5-0.3-0.25]
0.068 [1.73]
0.045 [1.14]
*1 FEMALE CONTACT
“CLOSED ENTRY” DESIGN, L.S.A.
MALE CONTACT
REMOVABLE CRIMP POWER CONTACT
FOR USE WITH CBCD SERIES CONNECTORS
SIZE 16
“S” in
part number
indicates high
conductiv-
ity copper alloy
material.
*1 NOTE: Female contacts feature Large Surface Area (L.S.A.) closed entry contact design which provides maximum mating surfaces between
male and female contact and reduced contact resistance during operation.
* Color Code
ØA
ØB
0.170+0.015-0.020
[4.32+0.38-0.51]
Ø0.040 [1.02]
0.170+0.015-0.020
[4.32+0.38-0.51]
ØA
ØB
* Color Code
0.538 [13.67]
0.550 [13.97]
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
MALE CONTACT
REMOVABLE THERMOCOUPLE CRIMP CONTACT
FOR USE WITH CBC SERIES CONNECTORS
SIZE 20
Chromel® and
Alumel® are regis-
tered trademarks of
Hoskins Manufacturing
Company.
For more information on
the availability of Type J
thermocouple contacts,
and information about
thermocouple contacts
with PCB solder termi-
nation, please contact
Technical Sales.
TYPE
MATERIAL
FEMALE
PART NUMBER
MALE
PART NUMBER
COLOR
CODE
WIRE SIZE
AWG [mm2]
ØA
ØB
K
CHROMEL (+)
FC6020D2CH††
MC6020DCH†
WHITE
20 / 22 / 24 [0.5 / 0.3 / 0.25]
0.066 [1.68] 0.045 [1.14]
FC6026D2CH
MC6026DCH
26 / 28 / 30 [0.12 / 0.08 / 0.05] 0.048 [1.23] 0.027 [0.69]
ALUMEL (-)
FC6020D2AL††
MC6020DAL†
GREEN
20 / 22 / 24 [0.5 / 0.3 / 0.25]
0.066 [1.68] 0.045 [1.14]
FC6026D2AL
MC6026DAL
26 / 28 / 30 [0.12 / 0.08 / 0.05] 0.048 [1.23] 0.027 [0.69]
T
COPPER (+)
with gold flash
FC6020D2CU††
MC6020DCU†
RED
20 / 22 / 24 [0.5 / 0.3 / 0.25]
0.066 [1.68] 0.045 [1.14]
FC6026D2CU
MC6026DCU
26 / 28 / 30 [0.12 / 0.08 / 0.05] 0.048 [1.23] 0.027 [0.69]
CONSTANTAN (-)
FC6020D2CO††
MC6020DCO†
YELLOW
20 / 22 / 24 [0.5 / 0.3 / 0.25]
0.066 [1.68] 0.045 [1.14]
FC6026D2CO
MC6026DCO
26 / 28 / 30 [0.12 / 0.08 / 0.05] 0.048 [1.23] 0.027 [0.69]
E
CHROMEL (+)
FC6020D2CH††
MC6020DCH†
WHITE
20 / 22 / 24 [0.5 / 0.3 / 0.25]
0.066 [1.68] 0.045 [1.14]
FC6026D2CH
MC6026DCH
26 / 28 / 30 [0.12 / 0.08 / 0.05] 0.048 [1.23] 0.027 [0.69]
CONSTANTAN (-)
FC6020D2CO††
MC6020DCO†
YELLOW
20 / 22 / 24 [0.5 / 0.3 / 0.25]
0.066 [1.68] 0.045 [1.14]
FC6026D2CO
MC6026DCO
26 / 28 / 30 [0.12 / 0.08 / 0.05] 0.048 [1.23] 0.027 [0.69]
†
Dimensionally equivalent to M39029/64-369
††
Dimensionally equivalent to M39029/63-368
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
74
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com