Electronic Components Datasheet Search
  English  ▼

X  

IR3082MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3082MPBF
Description  XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082MPBF Datasheet(HTML) 2 Page - International Rectifier

  IR3082MPBF Datasheet HTML 1Page - International Rectifier IR3082MPBF Datasheet HTML 2Page - International Rectifier IR3082MPBF Datasheet HTML 3Page - International Rectifier IR3082MPBF Datasheet HTML 4Page - International Rectifier IR3082MPBF Datasheet HTML 5Page - International Rectifier IR3082MPBF Datasheet HTML 6Page - International Rectifier IR3082MPBF Datasheet HTML 7Page - International Rectifier IR3082MPBF Datasheet HTML 8Page - International Rectifier IR3082MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
IR3082P
bF
Page 2 of 33
01/31/05
ORDERING INFORAMATION
Device
Order Quantity
IR3082MTRPbF
3000 per reel
* IR3082MPbF
100 piece strips
* Samples only
ABSOLUTE MAXIMUM RATINGS
Operating Junction Temperature……………..150
oC
Storage Temperature Range…………………..-65
oC to 150oC
ESD Rating………………………………………HBM Class 1B JEDEC standard
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1-5
VID0-4
20V
-0.3V
1mA
1mA
6
VOSNS-
0.5V
-0.5V
10mA
10mA
7
ROSC
20V
-0.5V
1mA
1mA
8
VDAC
20V
-0.3V
1mA
1mA
9
OCSET
20V
-0.3V
1mA
1mA
10
IIN
20V
-0.3V
1mA
1mA
11
VDRP
20V
-0.3V
5mA
5mA
12
FB
20V
-0.3V
1mA
1mA
13
EAOUT
10V
-0.3V
20mA
20mA
14
VBIAS
20V
-0.3V
50mA
10mA
15
VCC
20V
-0.3V
1mA
50mA
16
LGND
n/a
n/a
50mA
1mA
17
RMPOUT
20v
-0.3V
1mA
1mA
18
SS/DEL
20V
-0.3V
1mA
1mA
19
PWRGD
20V
-0.3V
1mA
20mA
20
ENABLE
20V
-0.3V
1mA
1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com