Electronic Components Datasheet Search
  English  ▼

X  

IR3082MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3082MPBF
Description  XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082MPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3082MPBF Datasheet HTML 1Page - International Rectifier IR3082MPBF Datasheet HTML 2Page - International Rectifier IR3082MPBF Datasheet HTML 3Page - International Rectifier IR3082MPBF Datasheet HTML 4Page - International Rectifier IR3082MPBF Datasheet HTML 5Page - International Rectifier IR3082MPBF Datasheet HTML 6Page - International Rectifier IR3082MPBF Datasheet HTML 7Page - International Rectifier IR3082MPBF Datasheet HTML 8Page - International Rectifier IR3082MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
IR3082P
bF
Page 4 of 33
01/31/05
Note 1: Guaranteed by design, but not tested in production
Note 2: VDAC Output is trimmed to compensate for Error Amp input offsets errors
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Soft Start and Delay
Start Delay (See Fig 10)
1.2
1.9
2.6
ms
Soft Start Time (See Fig 10)
VID = 1.3V (VID4-0 = 01010)
0.85
1.95
3.0
ms
PWRGD Delay (See Fig 10)
VID = 1.3V (VID4-0 = 01010)
1.0
2.0
3.0
ms
OC Delay Time
150
250
350
us
SS/DEL to FB Input Offset
Voltage
With FB = 0V, adjust V(SS/DEL) until
EAOUT drives high
0.95
1.3
1.6
V
Charge Current
40
66
100
µA
Discharge Current
4
6
9
µA
Charge/Discharge Current
Ratio
9.5
11
12.5
µA/µA
OC Discharge Current
Note 1
20
40
60
µA
Charge Voltage
3.65
3.9
4.15
V
Delay Comparator Threshold
Relative to Charge Voltage, SS/DEL
rising
50
70
90
mV
Delay Comparator Threshold
Relative to Charge Voltage, SS/DEL
falling
85
115
145
mV
Delay Comparator Hysteresis
15
35
50
mV
Discharge Comparator
Threshold
175
225
275
mV
Over-Current Comparator
Input Offset Voltage
-10
0
10
mV
OCSET Bias Current
-54
-51.5
-49
µA
PWRGD Output
Output Voltage
I(PWRGD) = 4mA
150
300
mV
Leakage Current
V(PWRGD) = 5.5V
0
10
µA
Oscillator
Switching Frequency
450
500
550
kHz
Peak Voltage (5V typical,
measured as % of VBIAS)
70
71
74
%
Valley Voltage (1V typical,
measured as % of VBIAS)
10
13
15
%
VCC Under-Voltage Lockout
Start Threshold
9.0
9.75
10.4
V
Stop Threshold
8.4
9.0
9.6
V
Hysteresis
Start – Stop
550
750
1150
mV
General
VCC Supply Current
8
10
12.5
mA
VOSNS- Current
-0.3V ≤ VOSNS- ≤ 0.3V, All VID Codes
-4.5
-3.5
-2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com