Electronic Components Datasheet Search
  English  ▼

X  

IR3082MPBF Datasheet(PDF) 23 Page - International Rectifier

Part # IR3082MPBF
Description  XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082MPBF Datasheet(HTML) 23 Page - International Rectifier

Back Button IR3082MPBF Datasheet HTML 19Page - International Rectifier IR3082MPBF Datasheet HTML 20Page - International Rectifier IR3082MPBF Datasheet HTML 21Page - International Rectifier IR3082MPBF Datasheet HTML 22Page - International Rectifier IR3082MPBF Datasheet HTML 23Page - International Rectifier IR3082MPBF Datasheet HTML 24Page - International Rectifier IR3082MPBF Datasheet HTML 25Page - International Rectifier IR3082MPBF Datasheet HTML 26Page - International Rectifier IR3082MPBF Datasheet HTML 27Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
IR3082PbF
Page 23 of 33
01/31/05
)
1
(
)
(
1
2
PHASEx
BIAS
PHASEx
HOTSET
BIAS
PHASEx
PHASEx
RA
V
R
V
V
RA
R
−
⋅
⋅
−
⋅
=
(23)
)
1
(
1
3
PHASEx
BIAS
PHASEx
HOTSET
PHASEx
RA
V
R
V
R
−
⋅
⋅
=
(24)
If the over temperature setting voltage is higher than the phase delay setting voltage, VBIAS times RAPHASEx,
connect HOTSET pin between RPHASEx1 and RPHASEx2 and connect RMPIN+ or RMPIN- between RPHASEx2 and
RPHASEx3 respectively. Pre-select RPHASEx1,
HOTSET
BIAS
PHASEx
BIAS
PHASEx
HOTSET
PHASEx
V
V
R
V
RA
V
R
−
⋅
⋅
−
=
1
2
)
(
(25)
HOTSET
BIAS
PHASEx
BIAS
PHASEx
PHASEx
V
V
R
V
RA
R
−
⋅
⋅
=
1
3
(26)
Bootstrap Capacitor CBST
Depending on the duty cycle and gate drive current of the phase IC, a 0.1uF to 1uF capacitor is needed for the
bootstrap circuit.
Decoupling Capacitors for Phase IC
0.1uF-1uF decoupling capacitors are required at VCC and VCCL pins of phase ICs.
VOLTAGE LOOP COMPENSATION
The adaptive voltage positioning (AVP is usually used in the computer applications to improve the transient
response and reduce the power loss at heavy load. Like current mode control, the adaptive voltage positioning loop
introduces extra zero to the voltage loop and splits the double poles of the power stage, which make the voltage
loop compensation much easier.
Resistors RFB and RDRP are chosen according to Equations (15) and (16), and the selection of compensation types
depends on the capacitors used. For the applications using Electrolytic, Polymer or AL-Polymer capacitors, type II
compensation shown in Figure 18 (a) is usually enough. While for the applications with only ceramic capacitors,
type III compensation shown in Figure 18 (b) is preferred.
EAOUT
FB
VDAC
VO+
VDRP
-
+
EAOUT
RFB
RDRP
RCP
CCP
CCP1
EAOUT
FB
VDAC
VO+
VDRP
-
+
EAOUT
RFB1
CFB
RFB
RDRP
RCP
CCP
CCP1
(a) Type II compensation
(b) Type III compensation
Figure 18. Voltage loop compensation network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com