Electronic Components Datasheet Search
  English  ▼

X  

IR3082MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3082MPBF
Description  XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3082MPBF Datasheet HTML 5Page - International Rectifier IR3082MPBF Datasheet HTML 6Page - International Rectifier IR3082MPBF Datasheet HTML 7Page - International Rectifier IR3082MPBF Datasheet HTML 8Page - International Rectifier IR3082MPBF Datasheet HTML 9Page - International Rectifier IR3082MPBF Datasheet HTML 10Page - International Rectifier IR3082MPBF Datasheet HTML 11Page - International Rectifier IR3082MPBF Datasheet HTML 12Page - International Rectifier IR3082MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
IR3082P
bF
Page 9 of 33
01/31/05
Body Braking
TM
In a conventional synchronous buck converter, the minimum time required to reduce the current in the inductor in
response to a load step decrease is;
O
MIN
MAX
SLEW
V
I
I
L
T
)
(
−
⋅
=
The slew rate of the inductor current can be significantly increased by turning off the synchronous rectifier in
response to a load step decrease. The switch node voltage is then forced to decrease until conduction of the
synchronous rectifier’s body diode occurs. This increases the voltage across the inductor from Vout to Vout + VBODY
DIODE. The minimum time required to reduce the current in the inductor in response to a load transient decrease is
now;
BODYDIODE
O
MIN
MAX
SLEW
V
V
I
I
L
T
+
−
⋅
=
)
(
Since the voltage drop in the body diode is often higher than output voltage, the inductor current slew rate can be
increased by 2X or more. This patent pending technique is referred to as “Body Braking” and is accomplished
through the “Body Braking Comparator” located in the Phase IC. If the Error Amp’s output voltage drops below 91%
of the VDAC voltage this comparator turns off the low side gate driver.
Figure 5 depicts PWM operating waveforms under various conditions.
PHASE IC
CLOCK
PULSE
EAIN
VDAC
PWMRMP
GATEH
GATEL
STEADY-STATE
OPERATION
DUTY CYCLE DECREASE
DUE TO VIN INCREASE
(FEED-FORWARD)
DUTY CYCLE INCREASE
DUE TO LOAD
INCREASE
DUTY CYCLE DECREASE DUE TO LOAD
DECREASE (BODY BRAKING) OR FAULT
(VCC UV, OCP, VID=11111)
STEADY-STATE
OPERATION
91% VDAC
Figure 5 – PWM Operating Waveforms
Lossless Average Inductor Current Sensing
Inductor current can be sensed by connecting a series resistor and a capacitor network in parallel with the inductor
and measuring the voltage across the capacitor. The equation of the sensing network is,
CS
CS
L
L
CS
CS
L
C
C
sR
sL
R
s
i
C
sR
s
v
s
v
+
+
=
+
=
1
)
(
1
1
)
(
)
(
Usually the resistor Rcs and capacitor Ccs are chosen so that the time constant of Rcs and Ccs equals the time
constant of the inductor which is the inductance L over the inductor DCR (RL). If the two time constants match, the
voltage across Ccs is proportional to the current through L, and the sense circuit can be treated as if only a sense
resistor with the value of RL was used. The mismatch of the time constants does not affect the measurement of
inductor DC current, but affects the AC component of the inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com