Electronic Components Datasheet Search
  English  ▼

X  

C48 Datasheet(PDF) 13 Page - Cinch Connectivity Solutions, Inc.

Part # C48
Description  Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

C48 Datasheet(HTML) 13 Page - Cinch Connectivity Solutions, Inc.

Back Button C48 Datasheet HTML 9Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 10Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 11Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 12Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 13Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 14Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 15Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 16Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 17Page - Cinch Connectivity Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
3-12
Call Toll Free: 1 (800) 323-9612
3
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
C48 Series
Accessories
Crim-Lok Contacts
Contacts
When you order Cinch C48 Series
connectors with contacts, the contact package
contains enough contacts to complete the
insert arrangement plus two spares. The
package also includes sealing plugs for 15%
of the contacts in the inserts, minimum of
three. To provide proper sealing, insert
unwired contacts and sealing plugs in all
unused holes. (Use a #12 contact for a #1
shielded hole.) To order contacts and sealing
plugs separately use the part numbers in the
table below.
Max.
Wire
Current
Contact
Size
Rating
Cinch Part No.
MS Part No.
Size
AWG
Amps
Pin
Socket
Pin
Socket
24
3.0
No. 20
22
5.0
CN0900-253
CN0900-255
M39029/31-241
M39029/32-260
20
7.5
18
16
No. 16
16
22
CN0900-252
CN0900-254
M39029/31-229
M39029/32-248
14
32
No. 12
12
41
CN0900-256
CN0900-257
M32029/31-235
M39029/32-254
**
3
C48-1226-02
C48-1227-02
--
--
No. 1*
****
1
C48-1226-54
C48-1227-54
--
--
(Shielded)
*****
1
C48-1226-55
C48-1227-55
--
--
No. 2
(Shielded)
***
7.5
C48-2187-02
C48-2188-02
--
--
* Fits into No. 12 power contact cavity.
** Accommodates cables RG174/U, RG179U, RG179A/U, RG187/U, RG188/U, RG161/U,
as well as shielded wire.
Can also accommodate Cable MIL-C-27500-22 KING (Extruded) or 22 AWG per
MIL-C-7078 type II.
*** Accommodates Cable MIL-C-27500 KING; 20 KING; 18 KING (Extruded) or 22, 20, 18
AWG, per MIL-C-7078 type II.
**** For use with RG195/U and RG180/U, RG180A/U, and RG1808/U.
***** Accommodates Cables RG178/U, RG178A/U, RG1788/U, and RG196/U.
Color Code
Size
Cinch Part No.
MS Part No.
Yellow
12 & #1 Shielded
C48-2221-12
MS27488-12
Blue
16
C48-2221-16
MS27488-16
Red
20
C48-2221-20
MS27488-20
White
#2 Shielded
C48-1458-01
--
Contact
Crimp
Insertion Tool
Removal Tool
Size
Tool
Superseded No.
Current No.
Superseded No.
Current No.
No. 20
M22520/1-01
MS24256A20
M81969/17-03
MS24256R20
M81969/19-06
No. 16
M22520/1-01
MS24256A16
M81969/17-04
MS24256R16
M81969/19-01
No. 12
M22520/1-01
MS24256A12
M81969/17-05
MS24256R12
M81969/19-02
Adjustable
Turret
No. 20
M22520/1-02
No. 16
M22520/1-02
No. 12
M22520/1-02
No. 1
(Shielded)
MS24256A12
M81969/17-05
MS24256R12
M81969/19-09
No. 2
(Shielded)
--
294-128
--
294-127
Grommet Sealing Plugs
Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com