Electronic Components Datasheet Search
  English  ▼

X  

C48 Datasheet(PDF) 4 Page - Cinch Connectivity Solutions, Inc.

Part # C48
Description  Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

C48 Datasheet(HTML) 4 Page - Cinch Connectivity Solutions, Inc.

  C48 Datasheet HTML 1Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 2Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 3Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 4Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 5Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 6Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 7Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 8Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 9Page - Cinch Connectivity Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3-3
3
Call Toll Free: 1 (800) 323-9612
C48 Series
How to Order
Cinch Numbers
C48-0 6 R 22-55 P 6-102
Order Code (Deviations)
100 - Connector With Contacts & Cable Support
102 - Connector Less Cable Support With Contacts
105 - Connector Less Contacts With Cable Support
106 - Connector Less Contacts & Less Cable Support
See order codes for Boeing on page 3-14
Alternate Shell Positions
6, 7, 8, 9, 10 per table on page 3-4
(Omit for normal position)
Contact Style
P -- Pin
S -- Socket
Shell Size
8, 10, 12, 14, 16, 18, 20, 22, 24
Environmental Class
R -- Meets MIL-C-26500 (USAF)
Shell Style
0 -- Square Flange Receptacle
3 -- Single-Hole Mounting Receptacle
6 -- Straight Plug
Coupling Style
0 -- Threaded
1 -- Bayonet
Series Designation
C48 --
Insert Arrangements
(See page 3-4)
Military Standard Part Numbers
You can use MS* as well as C48
Series part numbers when ordering
C48 Series connectors.
*MS part numbers are supplied less
cable support. If cable support is
desired, it must be ordered separately.
MS24266 R 22 T 55 P 6
Environmental Class
R -- Meets MIL-C-26500 (USAF)
Alternate Shell Positions
N, 6, 7, 8, 9, Y per table on page 3-4
Contact Style
P -- Pin
S -- Socket
Insert Arrangements
(See page 3-4)
Coupling Style
T -- Threaded
B -- Bayonet
Shell Size
8, 10, 12, 14, 16, 18, 20, 22, or 24
Military Designation
MS24264 -- Square-Flange Receptacle
MS24265 -- Single-Hole Mounting Receptacle
MS24266 -- Straight Plug
Part numbers for the contacts and assembly tools are listed on page 3-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com