Electronic Components Datasheet Search
  English  ▼

X  

C48 Datasheet(PDF) 5 Page - Cinch Connectivity Solutions, Inc.

Part # C48
Description  Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

C48 Datasheet(HTML) 5 Page - Cinch Connectivity Solutions, Inc.

  C48 Datasheet HTML 1Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 2Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 3Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 4Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 5Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 6Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 7Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 8Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 9Page - Cinch Connectivity Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
3-4
Call Toll Free: 1 (800) 323-9612
3
C48 Series
Inserts Available
(Showing Front Face
of Socket Inserts)
Alternate Shell Positions (Front face of receptacle shown)
NOTE: Alternate positions 6 through Y incorporate special shell polarizing
key and keyways. All inserts remain in the normal position.
For Connector Size
For Connector Size 8 and 10
12, 14, 16, 18, 20, 22, 24, and 28
Positions
A
B
C
D
A
B
C
D
Normal (N) 105°
140°
215°
265°
105°
140°
215°
265°
6
102°
132°
248°
320°
18°
149°
192°
259°
7
80°
118°
230°
312°
92°
152°
222°
342°
8
35°
140°
205°
275°
84°
152°
204°
334°
9
64°
155°
234°
304°
24°
135°
199°
240°
10 or Y*
25°
115°
220°
270°
98°
152°
268°
338°
*Not available in Size 8 Connector. See individual part number systems.
† = #1 shielded contact is interchangeable
with #12 power contact.
(Y) = Available in Boeing Insert Style.
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
(Y)
Shell
Size-14
Shell
Size-18
Shell
Size-20
Shell
Size-22
Shell
Size-24
Shell
Size-28
CN096X
CN102X
Series
Only
Shell
Size-8
Shell
Size-10
Shell
Size-12
Shell
Size-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com