Electronic Components Datasheet Search
  English  ▼

X  

C48 Datasheet(PDF) 2 Page - Cinch Connectivity Solutions, Inc.

Part # C48
Description  Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

C48 Datasheet(HTML) 2 Page - Cinch Connectivity Solutions, Inc.

  C48 Datasheet HTML 1Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 2Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 3Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 4Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 5Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 6Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 7Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 8Page - Cinch Connectivity Solutions, Inc. C48 Datasheet HTML 9Page - Cinch Connectivity Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
3-1
Call Toll Free: 1 (800) 323-9612
■ Qualified to MIL-C-26500.
■ Styles qualified to Boeing BACC45 Series.
■ Styles qualified to Boeing BACC63 Series.
■ Power Contact Sizes: 20, 16, and 12.
■ Coax Contacts Available: Size 12 and 8.
■ Contacts: Crimp - Front release.
■ Optional Fixed Contacts: PC Termination.
■ Coupling Styles: Bayonet and Threaded.
■ Environmentally Sealed.
Shell: Aluminum, stainless-steel options available
Finish: Aluminum - Anodize, optional electroless nickel /
cadmium over nickel
Rubber: Silicone / fluorosilicone
Dielectric: Glass-filled epoxy
Temperature Extremes: +200°C / 392°F to -55°C / -65°F
Ozone Resistance: 0.015% by volume
Temperature Life: Internal 238°C for 1,000 hours
Moisture Resistance: 1,000 megohms minimum / MIL-STD-202,
Method 106
Thermal Shock: -55°C (-67°F) to 260°C (500°F)
Dielectric Strength:
1,500 volts VAC RMS
Current Rating (Test):
Size 20
7.5 Amps D.C.
Size 16 13.0 Amps D.C.
Size 12 23.0 Amps D.C.
Insulation Resistance:
5,000 megohms minimum
Contact Retention: Size 20 - 20 lb. minimum
Size 16 - 25 lb. minimum
Size 12 - 30 lb. minimum
Durability: Threaded - 200 mating cycles
Bayonet - 500 mating cycles
Vibration: Std - 20 g’s; 12 hours (Synasoidal)
MMB / Self-Lock - 39.6 g’s RMS, 48 hours (Random)
Shock: 50 g’s
MIL-C-26500
C48 Series
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com