Electronic Components Datasheet Search
  English  ▼

X  

33975 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 32Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
33975
REVISION HISTORY
REVISION HISTORY
Revision
Date
Description of Changes
5.0
6/2007
• Implemented Revision History page
• Updated to Freescale form and style
• Added MCZ33975EK/R2 and MCZ33975AEK/R2
• Removed Peak Package Reflow Temperature During Reflow, and added Peak Package
Reflow Temperature During Reflow(5), (6)
6.0
11/2007
• Removed MC33975AEK/R2 from the Ordering Information
• Replaced figures for 33975 Simplified Application Diagram, Power Supply Active in
Sleep Mode, and Power Supply Shutdown in Sleep Mode.
• Adjusted ESD voltages for Human Body Model(2) and Applies to all non-input Pins.
• Updated document form and style.
7.0
2/2008
• Minor changes to text
8.0
8/2008
• Updated package drawing
9.0
8/2008
• Revised wording of Features on Page 1 - No parameter /technical changes.
10.0
8/2011
• Revised Ordering Information table by adding part numbers MC33975TEK/R2 and
MC33975ATEK/R2, and removing part numbers MC33975EK/R2, MCZ33975EK/R2
and MCZ33975AEK/R2.
• Updated document form and style.
11.0
01/2014
• No technical changes. Revised back page. Updated document properties. Added
SMARTMOS sentence to last paragraph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com