Electronic Components Datasheet Search
  English  ▼

X  

33975 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33975
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions of 3.0 V
 VDD  5.5 V, 8.0 V  VPWR  28 V, -40 C  TC  125 C, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage
Supply Voltage Range Quasi-functional(7)
Fully Operational
Supply Voltage Range Quasi-functional(8)
VPWR(QF)
VPWR(FO)
VPWR(QF)
5.5
8.0
28
–
–
–
8.0
28
38/40
V
Supply Voltage
VPWR Supply Voltage Power On Reset
VPWR(POR)
4.2
4.6
5.0
V
Supply Current
All Switches Open, Normal Mode, Tri-state Disabled
IPWR(ON)
–
4.0
8.0
mA
Sleep State Supply Current
Scan Timer = 64 ms, Switches Open
IPWR(SS)
40
70
100
A
Logic Supply Voltage
VDD
3.0
–
5.5
V
Logic Supply Current
All Switches Open, Normal Mode
IDD
–
0.25
0.5
mA
Sleep State Logic Supply Current
Scan Timer = 64 ms, Switches Open
IDD(SS)
–
10
20
A
SWITCH INPUT
Pulse Wetting Current Switch-to-Battery (Current Sink)
5.5 V
 VPWR  28 V
IPULSE
12
15
18
mA
Pulse Wetting Current Switch-to-Ground (Current Source)
5.5 V
 VPWR  8.0 V
8.0 V
 VPWR  28 V
IPULSE
7.0
24
9.0
32
–
36
mA
Sustain Current Switch-to-Battery Input (Current Sink)
5.5 V
 VPWR  28 V
ISUSTAIN
1.8
2.1
2.4
mA
Sustain Current Switch-to-Ground Input (Current Source)
5.5 V
 VPWR  8.0 V
8.0 V
 VPWR  28 V
ISUSTAIN
0.5
3.6
1.0
4.0
–
4.4
mA
Sustain Current Matching Between Channels on Switch-to-Ground Inputs
IMATCH
–
2.0
5.0
%
Notes
7.
Device operational. Wetting and sustain currents are reduced. Operating the analog multiplexer below 8.0 V is not recommended.
8.
Thermal considerations must be taken when operating the device above 28 V.
ISUS(MAX) - ISUS(MIN)
ISUS(MIN)
X 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com