Electronic Components Datasheet Search
  English  ▼

X  

33975 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33975
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SWITCH INPUT (CONTINUED)
Input Offset Current when Selected as Analog
IOFFSET
-2.0
1.4
2.0
A
Input Offset Voltage when Selected as Analog
V(SP&SGINPUTS) to AMUX output
VOFFSET
-10
2.5
10
mV
Analog Operational Amplifier Output Voltage
Sink 250
A
VOL
–
10
30
mV
Analog Operational Amplifier Output Voltage
Source 250
A
VOH
VDD - 0.1
–
–
V
Switch Detection Threshold
VTH
3.70
4.0
4.3
V
Temperature Monitor(9), (10)
TLIM
155
–
185
C
Temperature Monitor Hysteresis(10)
TLIM(HYS)
5.0
10
15
C
Notes
9.
Thermal shutdown of 16mA and 32mA pull-up and pull-down current sources only. 4.0mA and 2.0mA current source/sink and all other
functions remain active.
10.
This parameter is guaranteed by design; however it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of 3.0 V
 VDD  5.5 V, 8.0 V  VPWR  28 V, -40 C  TC  125 C, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit
DIGITAL INTERFACE
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of 3.0 V
 VDD  5.5 V, 8.0 V  VPW
noted. Where applicable, typical values reflect the parameter’s approxima
Characteristic
Sym



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com