Electronic Components Datasheet Search
  English  ▼

X  

33975 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33975
FUNCTIONAL DESCRIPTIONS
INTRODUCTION
FUNCTIONAL DESCRIPTIONS
INTRODUCTION
The 33975 device is an integrated circuit designed to provide
systems with ultra-low quiescent sleep/wake-up modes and
a robust interface between switch contacts and a
microprocessor. The 33975 replaces many of the discrete
components required when interfacing to microprocessor-
based systems while providing switch ground offset
protection, contact wetting current, and system wake-up.
The 33975 features 8-programmable switch-to-ground or
switch-to-battery inputs and 14 switch-to-ground inputs. All
switch inputs may be read as analog inputs through the
analog multiplexer (AMUX). Other features include a
programmable wake-up timer, programmable interrupt timer,
programmable wake-up/interrupt bits, and programmable
wetting current settings.
This device is designed primarily for automotive applications
but may be used in a variety of other applications such as
computer, telecommunications, and industrial controls.
FUNCTIONAL PIN DESCRIPTION
CHIP SELECT (CS)
The system MCU selects the 33975 to receive
communication using the chip select (CS) pin. With CS in a
logic low state, command words may be sent to the 33975 via
the serial input (SI) pin, and switch status information can be
received by the MCU via the serial output (SO) pin. The
falling edge of CS enables the SO output, latches the state of
the INT pin, and the state of the external switch inputs.
Rising edge of the CS initiates the following sequence:
1. Disables the SO driver (high-impedance)
2. INT pin is reset to logic [1], except when additional
switch changes occur during CS low (see Figure 6,
page 11).
3. Activates the received command word, allowing the
33975 to act upon new data from switch inputs.
To avoid any spurious data, it is essential the high-to-low and
low-to-high transitions of the CS signal occur only when
SCLK is in a logic low state. A clean CS signal is needed to
ensure no incomplete SPI words are sent to the device.
Internal to the 33975 device is an active pull-up to VDD on CS.
In Sleep Mode the negative edge of CS (VDD applied) will
wake up the 33975 device. Data received from the device
during CS wake-up may not be accurate.
SERIAL CLOCK (SCLK)
The system clock (SCLK) pin clocks the internal shift register
of the 33975. The SI data is latched into the input shift
register on the falling edge of SCLK signal. The SO pin shifts
the switch status bits out on the rising edge of SCLK. The SO
data is available for the MCU to read on the falling edge of
SCLK. False clocking of the shift register must be avoided to
ensure validity of data. It is essential the SCLK pin be in a
logic low state whenever CS makes any transition. For this
reason, it is recommended, though not necessary, that the
SCLK pin is commanded to a low logic state as long as the
device is not accessed and CS is in a logic high state. When
the CS is in a logic high state, any signal on the SCLK and SI
pin will be ignored and the SO pin is tri-state.
SERIAL INPUT (SI)
The SI pin is used for serial instruction data input. SI
information is latched into the input register on the falling
edge of SCLK. A logic high state present on SI will program
a one in the command word on the rising edge of the CS
signal. To program a complete word, 24 bits of information
must be entered into the device.
SERIAL OUTPUT (SO)
The SO pin is the output from the shift register. The SO pin
remains tri-stated until the CS pin transitions to a logic low
state. All open switches are reported as a zero, all closed
switches are reported as a one. The negative transition of CS
enables the SO driver.
The first positive transition of SCLK will make the status data
bit 24 available on the SO pin. Each successive positive clock
will make the next status data bit available for the MCU to
read on the falling edge of SCLK. The SI/SO shifting of the
data follows a first-in-first-out protocol, with both input and
output words transferring the most significant bit (MSB) first.
INTERRUPT OUTPUT (INT)
The INT pin is an interrupt output from the 33975 device. The
INT
pin is an open-drain output with an internal pull-up to
VDD. In Normal mode, a switch state change will trigger the
INT
pin (when enabled). The INT pin is latched on the falling
edge of CS, and cleared on the rising edge of CS. The INT pin
will not clear with rising edge of CS if a switch contact change
has occurred while the CS was low.
In a multiple 33975 device system with WAKE high and VDD
in (Sleep mode), the falling edge of INT will place all 33975s
in Normal mode.
WAKE INPUT (WAKE)
The WAKE pin is an open-drain output and a wake-up input.
The pin is designed to control a power supply Enable pin. In
the Normal mode, the WAKE pin is low. In the Sleep mode,
the WAKE pin is high. The WAKE pin has a pull-up to the
internal +5.0 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com