Electronic Components Datasheet Search
  English  ▼

X  

T02 Datasheet(PDF) 1 Page - Laser Components

Part # T02
Description  2.4 V CW LASER DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASER-COMPONENTS [Laser Components]
Direct Link  https://www.lasercomponents.com/uk/
Logo LASER-COMPONENTS - Laser Components

T02 Datasheet(HTML) 1 Page - Laser Components

  T02 Datasheet HTML 1Page - Laser Components T02 Datasheet HTML 2Page - Laser Components T02 Datasheet HTML 3Page - Laser Components T02 Datasheet HTML 4Page - Laser Components T02 Datasheet HTML 5Page - Laser Components T02 Datasheet HTML 6Page - Laser Components T02 Datasheet HTML 7Page - Laser Components T02 Datasheet HTML 8Page - Laser Components T02 Datasheet HTML 9Page - Laser Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
iC-WK, iC-WKL
2.4 V CW LASER DIODE DRIVER
Rev D2, Page 1/10
FEATURES
iC-WK MSOP8 AEC-Q100 qualified (Grade 3)
CW operation up to 90 mA from 2.4 to 6 V supply voltage
Rapid soft start after power-on typical within 70 µs
Simple power adjustment via the external resistor
Control loop accuracy better than 1% with changes in
temperature, supply voltage and load current
Integrated reverse polarity protection for the iC and laser diode
Strong suppression of transients with very small external
capacitors; integrated flyback path
Permanent shutdown with excessive temperature and
overcurrent (i.e. if the laser diode is damaged or the feedback
current path fails)
Two feedback inputs permit all current LD types to be used
(N/P/M configurations)
Modulation via the feedback inputs is possible
Wide monitor current range from 10 µA to 2.5 mA
iC-WK with additional spike detection at monitor input MDA
APPLICATIONS
Battery-powered LD modules
LD Pointers
Laser levels
Bar-code readers
PACKAGES
SO8
MSOP8
BLOCK DIAGRAM
MD
LD
MD
LD
MD
325 V
VREF
22p7 nF22
OVERTEMP2
TRANSIENT
iC−WKL
OVERCURRENT6
LD
22833 nF22
CI
R
228 uF22
CLDA
LD
AGND
CVCC
suitable laser diode configurations: NQ PQ M
MD
LDK
MDK
CI
MDA
NQ
LDA
GND
GND
VCC
,B2p22,6 V
5
8
k
p
B
8
7
RM
6
PROTECTION
,
−
D
8
FEEDBACK MON2
B332253 k Ω
p7 pF
CM
iC−WK
Copyright © 2020 iC-Haus
Laser
Diodes
Germany & Other Countries
Laser Components GmbH
Tel: +49 8142 2864 – 0
Fax: +49 8142 2864 – 11
info@lasercomponents.com
www.lasercomponents.com
France
Laser Components S.A.S.
Tel: +33 1 39 59 52 25
Fax: +33 1 39 59 53 50
info@lasercomponents.fr
www.lasercomponents.fr
United Kingdom
Laser Components (UK) Ltd.
Tel: +44 1245 491 499
Fax: +44 1245 491 801
info@lasercomponents.co.uk
www.lasercomponents.co.uk
Nordic Countries
Laser Components Nordic AB
Tel: +46 31 703 71 73
Fax: +46 31 703 71 01
info@lasercomponents.se
www.lasercomponents.se


Similar Part No. - T02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T02 TOSHIBA-T02 Datasheet
644Kb / 17P
TOSHIBA LED LAMP
05-Dec-2001
T02 TOSHIBA-T02 Datasheet
637Kb / 16P
TOSHIBA LED LAMP
01-Jun-2001
logo
ML Accessories Limited....
T02 KNIGHTSBRIDGE-T02 Datasheet
148Kb / 1P
12V 20-60W Transformer for ELV Lighting
25/04/2024
logo
List of Unclassifed Man...
T020 ETC1-T020 Datasheet
130Kb / 1P
DIL 14 PIN SINGLE OUTPUT
logo
Sumida Corporation
T020 SUMIDA-T020 Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - T02

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
WKSO8 ICHAUS-WKSO8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
15 V CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com