Electronic Components Datasheet Search
  English  ▼

X  

T02 Datasheet(PDF) 4 Page - Laser Components

Part # T02
Description  2.4 V CW LASER DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASER-COMPONENTS [Laser Components]
Direct Link  https://www.lasercomponents.com/uk/
Logo LASER-COMPONENTS - Laser Components

T02 Datasheet(HTML) 4 Page - Laser Components

  T02 Datasheet HTML 1Page - Laser Components T02 Datasheet HTML 2Page - Laser Components T02 Datasheet HTML 3Page - Laser Components T02 Datasheet HTML 4Page - Laser Components T02 Datasheet HTML 5Page - Laser Components T02 Datasheet HTML 6Page - Laser Components T02 Datasheet HTML 7Page - Laser Components T02 Datasheet HTML 8Page - Laser Components T02 Datasheet HTML 9Page - Laser Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
iC-WK, iC-WKL
2.4 V CW LASER DIODE DRIVER
Rev D2, Page 4/10
PACKAGE DIMENSIONS MSOP8
0.65
0.30
3
TOP
SIDE
0.65
0.40
RECOMMENDED PCB-FOOTPRINT
0.60
FRONT
dra_msop8-2_pack_1, 10:1
All dimensions given in mm. Tolerances of form and position according to JEDEC MO-187.
Laser
Diodes
Germany & Other Countries
Laser Components GmbH
Tel: +49 8142 2864 – 0
Fax: +49 8142 2864 – 11
info@lasercomponents.com
www.lasercomponents.com
France
Laser Components S.A.S.
Tel: +33 1 39 59 52 25
Fax: +33 1 39 59 53 50
info@lasercomponents.fr
www.lasercomponents.fr
United Kingdom
Laser Components (UK) Ltd.
Tel: +44 1245 491 499
Fax: +44 1245 491 801
info@lasercomponents.co.uk
www.lasercomponents.co.uk
Nordic Countries
Laser Components Nordic AB
Tel: +46 31 703 71 73
Fax: +46 31 703 71 01
info@lasercomponents.se
www.lasercomponents.se



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com