Electronic Components Datasheet Search
  English  ▼

X  

T02 Datasheet(PDF) 5 Page - Laser Components

Part # T02
Description  2.4 V CW LASER DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASER-COMPONENTS [Laser Components]
Direct Link  https://www.lasercomponents.com/uk/
Logo LASER-COMPONENTS - Laser Components

T02 Datasheet(HTML) 5 Page - Laser Components

  T02 Datasheet HTML 1Page - Laser Components T02 Datasheet HTML 2Page - Laser Components T02 Datasheet HTML 3Page - Laser Components T02 Datasheet HTML 4Page - Laser Components T02 Datasheet HTML 5Page - Laser Components T02 Datasheet HTML 6Page - Laser Components T02 Datasheet HTML 7Page - Laser Components T02 Datasheet HTML 8Page - Laser Components T02 Datasheet HTML 9Page - Laser Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
iC-WK, iC-WKL
2.4 V CW LASER DIODE DRIVER
Rev D2, Page 5/10
ABSOLUTE MAXIMUM RATINGS
No Destruction, correct function not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC
Voltage at VCC
-6
6.5
V
G002 I(VCC)
Current in VCC
-10
95
mA
G003 I(CI)
Current in CI
-10
10
mA
G004 I(LDA)
Current in LDA
-95
10
mA
G005 I(LDK)
Current in LDK
-10
95
mA
G006 I(MDA)
Current in MDA
-10
10
mA
G007 I(MDK)
Current in MDK
-10
10
mA
G008 I(AGND)
Current in AGND
-10
10
mA
G009 I(GND)
Current in GND
-95
10
mA
G010 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged over 1.5 kΩ
2
kV
G011 Tj
Operating Junction Temperature
-40
150
°C
G012 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VCC = 2.4...6 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min. Typ. Max.
T01 Ta
Operating Ambient Temperature Range
-40
85
°C
T02 Rthja
Thermal Resistance Chip/Ambient
SMD assembly, no additional cooling areas
140
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.
Laser
Diodes
Germany & Other Countries
Laser Components GmbH
Tel: +49 8142 2864 – 0
Fax: +49 8142 2864 – 11
info@lasercomponents.com
www.lasercomponents.com
France
Laser Components S.A.S.
Tel: +33 1 39 59 52 25
Fax: +33 1 39 59 53 50
info@lasercomponents.fr
www.lasercomponents.fr
United Kingdom
Laser Components (UK) Ltd.
Tel: +44 1245 491 499
Fax: +44 1245 491 801
info@lasercomponents.co.uk
www.lasercomponents.co.uk
Nordic Countries
Laser Components Nordic AB
Tel: +46 31 703 71 73
Fax: +46 31 703 71 01
info@lasercomponents.se
www.lasercomponents.se



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com