Electronic Components Datasheet Search
  English  ▼

X  

T02 Datasheet(PDF) 2 Page - Laser Components

Part # T02
Description  2.4 V CW LASER DIODE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LASER-COMPONENTS [Laser Components]
Direct Link  https://www.lasercomponents.com/uk/
Logo LASER-COMPONENTS - Laser Components

T02 Datasheet(HTML) 2 Page - Laser Components

  T02 Datasheet HTML 1Page - Laser Components T02 Datasheet HTML 2Page - Laser Components T02 Datasheet HTML 3Page - Laser Components T02 Datasheet HTML 4Page - Laser Components T02 Datasheet HTML 5Page - Laser Components T02 Datasheet HTML 6Page - Laser Components T02 Datasheet HTML 7Page - Laser Components T02 Datasheet HTML 8Page - Laser Components T02 Datasheet HTML 9Page - Laser Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
iC-WK, iC-WKL
2.4 V CW LASER DIODE DRIVER
Rev D2, Page 2/10
DESCRIPTION
The iC-WK/L device is a driver for laser diodes in
continuous wave operation which requires only four
external components. The wide power supply range
of 2.4 to 6 V and the integrated reverse battery protec-
tion allow for battery operation with a minimum of two
cells. A reversed battery connection destroys neither
the iC nor the laser diode.
The iC includes integrated circuitry protecting against
destruction by ESD, excessive temperature and over-
current and a soft start which regulates the power and
protects the laser diode when the power supply is
switched on. The iC also filters the laser diode power
supply for transients.
The power supply is regulated and adapted to the
laser diode used by an external resistor at MDA. The
monitor current acts as a reference and is regulated
independent of the influence of temperature and sup-
ply voltage (range: 10 µA to 2.5 mA). The capacitor at
CI determines the control time constants and start-up
time.
A second monitor input, pin MDK, allows the driver to
be used for other types of laser diode configuration; al-
ternatively, it can be used as an analogue modulation
input (DC to a few kHz).
In the event of failure, such as overcurrent in the
laser path with a lack of feedback, for example, a
quick power lockout is activated. The shutdown con-
tinues until power is reapplied, permitting a restart.
The strain on power packs and batteries is relieved
and the laser class is retained even in the event of a
disturbance.
iC-WK offers additional protection by means of spike
detection at pin MDA. Should spikes or oscillation
occur at pin MDA the power lockout is activated.
PACKAGING INFORMATION SO8, MSOP8 to JEDEC
PIN CONFIGURATION SO8
1 2 3 4
5
6
7
8
<P-CODE>
<A-CODE>
<P-CODE>
PIN CONFIGURATION MSOP8
1
2
3
4
5
6
7
8
<P-CODE>
<A-CODE>
PIN FUNCTIONS
No. Name Function
1 GND Ground
2 CI
Capacitance for Power Control
3 AGND Reference Ground for CI, RM
4 MDK Monitor Input 2
(MD Cathode, Modulation)
5 MDA APC Setup,
Monitor Input 1 (MD Anode)
6 VCC +2.4 to +6 V Supply Voltage
7 LDA
Laser Supply (LD Anode)
8 LDK
Driver Output (LD Cathode)
Do not short-circuit pins AGND and GND, for this may
deteriorate the precision of the regulator and interfere
with the soft-start!
Laser
Diodes
Germany & Other Countries
Laser Components GmbH
Tel: +49 8142 2864 – 0
Fax: +49 8142 2864 – 11
info@lasercomponents.com
www.lasercomponents.com
France
Laser Components S.A.S.
Tel: +33 1 39 59 52 25
Fax: +33 1 39 59 53 50
info@lasercomponents.fr
www.lasercomponents.fr
United Kingdom
Laser Components (UK) Ltd.
Tel: +44 1245 491 499
Fax: +44 1245 491 801
info@lasercomponents.co.uk
www.lasercomponents.co.uk
Nordic Countries
Laser Components Nordic AB
Tel: +46 31 703 71 73
Fax: +46 31 703 71 01
info@lasercomponents.se
www.lasercomponents.se



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com