Electronic Components Datasheet Search
  English  ▼

X  

ACT88430 Datasheet(PDF) 15 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 15 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 11Page - Qorvo, Inc ACT88430 Datasheet HTML 12Page - Qorvo, Inc ACT88430 Datasheet HTML 13Page - Qorvo, Inc ACT88430 Datasheet HTML 14Page - Qorvo, Inc ACT88430 Datasheet HTML 15Page - Qorvo, Inc ACT88430 Datasheet HTML 16Page - Qorvo, Inc ACT88430 Datasheet HTML 17Page - Qorvo, Inc ACT88430 Datasheet HTML 18Page - Qorvo, Inc ACT88430 Datasheet HTML 19Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
15 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
BUCK1 ELECTRICAL CHARACTERISTICS, REGULATOR: – BYPASS MODE OPTION
(VIN_B1 = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Bypass Mode
Input Voltage Range for By-Pass
Mode
2.7
3.3
3.7
V
PMOS On-Resistance
ISW = -1A, VIN = 3.3V
Max=125°C at TJunction
0.025
0.040
Ω
Internal PMOS Current Detection
Triggers Interrupt on IRQ Pin
1.4
3
4.6
A
Internal PMOS Current Detection
Deglitch Time
10
µs
Internal PMOS Current Shutdown
Shuts down after deglitch time and stays
off for Off Time
4.8
6
7.2
A
Internal PMOS Current Shutdown
Deglitch Time
10
µs
Internal PMOS Current Shutdown
Off time
100
ms
Internal PMOS Softstart
Only used with 3.3V Input
5.94
6.6
7.26
mV/us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com