Electronic Components Datasheet Search
  English  ▼

X  

ACT88430 Datasheet(PDF) 51 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 51 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 47Page - Qorvo, Inc ACT88430 Datasheet HTML 48Page - Qorvo, Inc ACT88430 Datasheet HTML 49Page - Qorvo, Inc ACT88430 Datasheet HTML 50Page - Qorvo, Inc ACT88430 Datasheet HTML 51Page - Qorvo, Inc ACT88430 Datasheet HTML 52Page - Qorvo, Inc ACT88430 Datasheet HTML 53Page - Qorvo, Inc ACT88430 Datasheet HTML 54Page - Qorvo, Inc ACT88430 Datasheet HTML 55Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
51 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
CMI 105: ACT88430QJ105-T
CMI 105 is optimized for the Silicon Motion SM2258H SSD controller. The GPIOs are programmed to allow the
microprocessor to program the ACT88430 for different SM2258H low power operating modes. CMI 105 configured for
a 3.3V or 5V input voltage.
Voltage and Currents
Startup and Sequencing
Rail
Sequence
Order
Sequencing
Input Trigger
StartUp
Delay (us)
Soft-Start
(us)
LDO1
1
UVLO
413
323
LDO2
2
LDO1
413
133
LDO3
2
LDO1
413
133
Buck4
3
LDO2
413
204
Buck1
4
Buck4
413
485
Buck3
5
Buck1
713
485
Buck2
6
Buck3
713
485
Rail
Active
Mode Volt-
age
VSET0 (V)
DVS Volt-
age
VSET1 (V)
DVS Voltage
Trigger
Sleep Mode
Voltage (V)
Current
Limit (A)
Fsw (kHz)
Buck1
3.3
3.3
n/a
0
5.3
2250
Buck2
1.5
1.35
EXT_PG
0
3
2250
Buck3
1.8
1.2
GPIO
0
3
2250
Buck4
1.2
1.0
PWREN
1..0
3
1125
LDO1
3.3
n/a
n/a
3.3
0.63
n/a
LDO2
1.8
n/a
n/a
1.8
0.315
n/a
LDO3
1.8
n/a
n/a
1.8
0.315
n/a
EXT_EN
n/a
n/a
n/a
n/a
n/a
n/a
EXT_PG
n/a
n/a
n/a
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com