Electronic Components Datasheet Search
  English  ▼

X  

ACT88430 Datasheet(PDF) 30 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 30 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 26Page - Qorvo, Inc ACT88430 Datasheet HTML 27Page - Qorvo, Inc ACT88430 Datasheet HTML 28Page - Qorvo, Inc ACT88430 Datasheet HTML 29Page - Qorvo, Inc ACT88430 Datasheet HTML 30Page - Qorvo, Inc ACT88430 Datasheet HTML 31Page - Qorvo, Inc ACT88430 Datasheet HTML 32Page - Qorvo, Inc ACT88430 Datasheet HTML 33Page - Qorvo, Inc ACT88430 Datasheet HTML 34Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
30 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
is in regulation. Input triggers are defined at the factory
and can only be changed with a custom CMI
configuration. The nRESETx, POK, PG, and EXT_EN
outputs can be connected to a power supply’s internal
POK signal and used to trigger external supplies in the
overall sequencing scheme.
Turn-on Delay. The turn-on delay is the time between
an input trigger going active and the output starting to
turn on. Each output’s turn-on delay is configured via its
I2C bit ONDLY. Turn-on delays can be changed after
the IC is powered on, but they are volatile and reset to
the factory defaults when power is recycled.
Softstart Time. The softstart time is the time it takes an
output to ramp from 0V to its programmed voltage. Each
output’s softstart time is configured via its I2C bit
SS_RAMP. Softstart times can be changed after the IC
is powered on, but they are volatile and reset to the
factory defaults when power is recycled.
Output Voltage. The output voltage is each regulator’s
desired
voltage.
Each
buck’s
output
voltage
is
programmed via its I2C bits Bx_VSET0 and Bx_VSET1.
The output regulates to Bx_VSET0 in ACTIVE mode.
They can be programmed to regulate to Bx_VSET1 in
DVS mode or SLEEP mode. Each output’s voltage can
be changed after the IC is powered on, but the new
setting is volatile and is reset to the factory defaults
when power is recycled. Output voltages can be
changed on the fly. If a large output voltage change is
required, it is best to make multiple smaller changes.
This prevents the IC from detecting an instantaneous
over or under voltage condition because the fault
threshold are immediately changed, but the output
takes time to respond.
Dynamic Voltage Scaling
On-the-fly dynamic voltage scaling (DVS) for the four
buck converters is available via the I2C interface. This
allows systems to save power by quickly adjusting the
microprocessor performance level when the workload
changes. Note that DVS is not a different operating
state. The IC operates in the ACTIVE state, but just
regulates the outputs to a different voltage. For fault free
operation, the user must ensure output load conditions
plus the current required to charge the output capaci-
tance during a DVS rising voltage condition does not
exceed the current limit setting of the regulator. As with
any power supply, changing an output voltage too fast
can require a current higher than the current limit setting.
The user must ensure that the voltage step, slew rate,
and load current conditions do not result in an instanta-
neous loading that results in a current limit condition.
Enter DVS by programming register 0x00h bit1
(DVS_EN) = 1 and then pulling the EXT_PG pin high.
Note that some CMI configurations may not require
DVS_EN = 1 and may use different input pins.
Input Voltage Operating Range
The ACT88430 operates from VIN=2.7V to 5.5V. This
operating range can be tailored for this full range, a 3.3V
input range, or a 5V input range. The full range is
suitable for battery inputs like a Li-Ion battery where the
input voltage has large variations. I2C registers
VIN-FULL_RANGE and VIN_LVL set the input voltage
UVLO and OV thresholds to be compatible with these
operating
ranges.
Note
that
VIN_FULL_RANGE
register is set at the factory and cannot be changed.
Table 2 shows how to configure the registers to set
each input voltage range setting. See the EC table for
details on
Table 2: ACT88430 Input Voltage Range Settings
VIN_FULL_RANGE
VIN_LVL
3.3V Input Range
0
0
5V Input Range
0
1
Wide Input Range
1
x
Fault Protection
The
ACT88430
contains
several
levels
of
fault
protection, including the following:
Input Voltage UVLO
Input Voltage OV
Output Overvoltage
Output Undervoltage
Output Current Limit
Thermal Warning
Thermal Shutdown
There are three types of I2C register bits associated with
each fault condition: fault flag bits, fault bits, and mask
bits. The fault flag bits display the real-time fault status.
Their status is valid regardless of whether or not that
fault is masked. The mask bits either block or allow the
fault to affect the fault bit. Each potential fault condition
can be masked via I2C if desired. Any unmasked fault
condition results in the fault bit going high, which asserts
the IRQ pin. IRQ is typically active low. The IRQ pin only
de-asserts after the fault condition is no longer
present and the corresponding fault bit is read via I2C.
Note that masked faults can still be read in the fault flag
bit. Refer to Qorvo Application Note describing the Reg-
ister Map for full details on I2C functionality and
programming ranges
Input Voltage UVLO
The ACT88430 monitors its input voltage at the VIN pin
for a UVLO condition. When the input voltage is below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com