Electronic Components Datasheet Search
  English  ▼

X  

ACT88430 Datasheet(PDF) 50 Page - Qorvo, Inc

Part # ACT88430
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88430 Datasheet(HTML) 50 Page - Qorvo, Inc

Back Button ACT88430 Datasheet HTML 46Page - Qorvo, Inc ACT88430 Datasheet HTML 47Page - Qorvo, Inc ACT88430 Datasheet HTML 48Page - Qorvo, Inc ACT88430 Datasheet HTML 49Page - Qorvo, Inc ACT88430 Datasheet HTML 50Page - Qorvo, Inc ACT88430 Datasheet HTML 51Page - Qorvo, Inc ACT88430 Datasheet HTML 52Page - Qorvo, Inc ACT88430 Datasheet HTML 53Page - Qorvo, Inc ACT88430 Datasheet HTML 54Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
Data Sheet Rev. G, August 2021 | Subject to change without notice
50 of 74
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT88430
Advanced PMU for Microcontrollers and Solid State Drive Applications
®
nRESET
nRESET is triggered from LDO3. It goes high 1ms after LDO3 goes into regulation.
nRESET_AUX1
The nRESET_AUX1 pin is not functional with CMI 102. Leave the nRESET_AUX1 pin floating.
nRESET_AUX2
The nRESET_AUX2 pin is not functional with CMI 102. Leave the nRESET_AUX2 pin floating.
EXT_PG
EXT_PG is the DVS control input for Buck4. When EXT_PG = L, Buck4 = 1.8V. When EXT_PG = H, Buck4 = 1.2V
MODE
The MODE pin must be tied to ground.
GPIO
The GPIO pin is the input trigger for Buck1. When GPIO goes high, Buck1 turns on and starts the turn on sequencing.
When GPIO goes low, all outputs immediately turn off.
Buck1/2/3 Voltage Setting
Buck1/2/3 reference voltage is 0.6V. This sets the allowable voltage range between 0.6V to 3.000V in 9.375mV steps.
LDO1/3 Voltage Setting
The LDO1/3 reference voltage is 0.8V. This sets the allowable voltage range between 2.0V to 3.575V in 25mV steps.
LDO2 Voltage Setting
The LDO2 reference voltage is 0.6V. This sets the allowable voltage range between 0.8V to 2.375V in 25mV steps.
Device ID
The CMI 102 Device ID (register 0x7Dh) = 0x00h
I2C Address
The CMI 102 7-bit I2C address is 0x53h. This results in 0xA6h for a write address and 0xA7h for a read address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com