Electronic Components Datasheet Search
  English  ▼

X  

183 Datasheet(PDF) 25 Page - Abbatron All Rights Reserved

Part # 183
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

183 Datasheet(HTML) 25 Page - Abbatron All Rights Reserved

Back Button 183 Datasheet HTML 21Page - Abbatron All Rights Reserved 183 Datasheet HTML 22Page - Abbatron All Rights Reserved 183 Datasheet HTML 23Page - Abbatron All Rights Reserved 183 Datasheet HTML 24Page - Abbatron All Rights Reserved 183 Datasheet HTML 25Page - Abbatron All Rights Reserved 183 Datasheet HTML 26Page - Abbatron All Rights Reserved 183 Datasheet HTML 27Page - Abbatron All Rights Reserved 183 Datasheet HTML 28Page - Abbatron All Rights Reserved 183 Datasheet HTML 29Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Giant Banana Plugs
23
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
PART NO.
FIG.
TYPE
HEAD
DIA.
HEAD
HEIGHT
BODY
LENGTH
THREAD
I.D.
INSULATING
MATERIAL
1458
A
Miniature, All Insul.
5/16
1/8
5/8
.104 Polycarbonate
205
B
Standard, Metal
Body
15/64
9/16
Nylon
1499
C
1509
D
286
E
Giant
5/8
3/8
13/16
3/8-24
9/32
Nylon
.161
Polycarbonate
1/4-32
Standard, All
Insul., "D" Body
7/16
3/16
15/32
5/16-32
A
B
C
D
E
•
Metal body jacks are nickel plated brass.
•
Jacks mount and are insulated from panel in 5/16” holes.
Metal body jacks can be conductive-to-panel mounted in 1/4”
holes. All are held with nut supplied.
•
Available in red (-102) or black (-103) as standard, call for
other colors.
•
Wire wraps and solders around turret or through hole in
interior contact. Wire can be soldered to lug supplied on
metal body jacks.
•
Rated at 15 Amps AC for 10oC temperature rise, continuous
duty. Voltage 1 KVAC.
AMPS
THREAD
LENGTH
AC
185
A
1/4-28
13/32
25
186
B
10-32
Hole
25
PART NO.
FIG.
STUD
•
Giant uninsulated banana plugs and machined brass bodies
with nickel plating and beryllium copper springs that are also
nickel plated.
•
Supplied with lug and screw as shown. Solder wire to lug
between nut and panel.
•
Fits 286 style giant insulated banana jack or style 157 giant
uninsulated banana jack (page 24).
•
Rated at 25 Amps AC
A
B
Insulated Banana Jacks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com