Electronic Components Datasheet Search
  English  ▼

X  

183 Datasheet(PDF) 38 Page - Abbatron All Rights Reserved

Part # 183
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

183 Datasheet(HTML) 38 Page - Abbatron All Rights Reserved

Back Button 183 Datasheet HTML 34Page - Abbatron All Rights Reserved 183 Datasheet HTML 35Page - Abbatron All Rights Reserved 183 Datasheet HTML 36Page - Abbatron All Rights Reserved 183 Datasheet HTML 37Page - Abbatron All Rights Reserved 183 Datasheet HTML 38Page - Abbatron All Rights Reserved 183 Datasheet HTML 39Page - Abbatron All Rights Reserved 183 Datasheet HTML 40Page - Abbatron All Rights Reserved 183 Datasheet HTML 41Page - Abbatron All Rights Reserved 183 Datasheet HTML 42Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
INTERNAL THREADED HANDLES
INTERNAL THREADED HANDLE
PART NO.
MAT.
FINISH
HT.
RADIUS
MOUNTING
CENTERS
THREAD
& DEPTH
1633
Zinc
1632
Chrome
1634
Satin
1635
Blk Anodized
1637
Zinc
1636
Chrome
1638
Satin
1639
Blk Anodized
1641
Zinc
1640
Chrome
1642
Satin
1643
Blk Anodized
1617
Zinc
1616
Chrome
1621
Zinc
1620
Chrome
2057
Chrome
3
1604
Zinc
2056
Chrome
4 - 1/4
10 - 32 x 9/16
4 - 40 x 3/8
8 - 32 x 9/16
3/16
1/4
1 - 1/4
2
3
2
3
Brass
Brass
1
1-1/2
1-1/2
5/16
5/32 Diameter
1/4 Diameter
5/16 Diameter
Brass
Aluminum
Brass
Aluminum
Brass
Aluminum
Instrument Handles
36
EXTERNAL THREADED HANDLES
EXTERNAL THREADED HANDLE
PART NO.
MAT.
FINISH
HT.
RADIUS
MOUNTING
CENTERS
THREAD
& DEPTH
5/16 - 18
x
5/16
1610
Brass
Black Zinc
2 - 1/8
5/16
3
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com